Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1480AEVB
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC1480AEVB Datasheet HTML 1Page - Semtech Corporation SC1480AEVB Datasheet HTML 2Page - Semtech Corporation SC1480AEVB Datasheet HTML 3Page - Semtech Corporation SC1480AEVB Datasheet HTML 4Page - Semtech Corporation SC1480AEVB Datasheet HTML 5Page - Semtech Corporation SC1480AEVB Datasheet HTML 6Page - Semtech Corporation SC1480AEVB Datasheet HTML 7Page - Semtech Corporation SC1480AEVB Datasheet HTML 8Page - Semtech Corporation SC1480AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Shoot-Through Delay Timing Diagram
tplhDL
tplhDH
LX
DL
DL
DH
Block Diagram
.IGURE 1: Block Diagram
MONITOR
TON (2)
TOFF
+
-
REFIN (1)
VCCA (4)
REF - 20%
TON
REF BUFFER
UV
ISENSE
BST (14)
OFF
DH (13)
HI
LO
LX (12)
ILIM (11)
VDDP (10)
ZERO I
DL (9)
PGND (8)
REF + 10%
CONTROL
ON
OC
LOGIC
POR / SS
VSSA (7)
FAULT
OV
OT
REF - 10%
PWM
+
-
VDDP
PGD (6)
FB (5)
REFOUT (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com