Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4611ITSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4611ITSTRT
Description  Wide Input Range High Performance Synchronous Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4611ITSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4611ITSTRT Datasheet HTML 3Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 4Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 5Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 6Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 7Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 9Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 10Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
 2004 Semtech Corp.
www.semtech.com
SC4611
POWER MANAGEMENT
Applications Information (Cont.)
The classical Type III compensation network can be built
around the error amplifier as shown below
Figure 1. Voltage Mode Buck Converter Compensation
Network
The transfer function of the compensation network is as
follows:
where,
0dB
Gd
T
ωZ1
ω
Z2
p1
p2
c
ESR
ω o
ω
ω
ω
ω
Loop gain T(s)
The design guidelines are as following:
1. Set the loop gain crossover frequency w
C for given
switching frequency.
2. Place an integrator in the origin to increase DC and low
frequency gains.
3. Select w
Z1 and wZ2 such that they are placed near wO to
dampen peaking; the loop gain has –20 dB rate to go
across the 0 dB line for obtaining a wide bandwidth.
4. Cancel w
ESR with compensation pole wP1 (wP1 = wESR ).
5. Place a high frequency compensation pole w
P2 at half
the switching frequency to get the maximum attenuation
of the switching ripple and the high frequency noise with
the adequate phase lag at w
C.
PCB LA
PCB LA
PCB LA
PCB LA
PCB LAYYYYYOUT F
OUT F
OUT F
OUT F
OUT FOR SC46
OR SC46
OR SC46
OR SC46
OR SC461
11
1
11
11
1
1
Careful attention to layout requirements is necessary for
successful implementation of the SC4611 PWM controller.
High switching currents with fast rise and fall times are
present in the application and their effect on ground plane
voltage differentials must be understood and minimized.
A good layout with minimum parasitic loop areas will
a) reduce EMI
b) lower ground injection currents, resulting in electrically
“cleaner” grounds for the rest of the system and
c) minimize source ringing, resulting in more reliable gate
switching signals.
LA
LA
LA
LA
LAYYYYYOUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
In the following Q
T and QB denote the high side and low
side MOSFETs respectively.
1) A ground plane should be used. The number and position
of ground plane interruptions should be minimised so as
not to compromise ground plane integrity. Isolated or semi-
isolated areas of the ground plane may be deliberately
introduced to constrain ground currents into particular
paths, such as the output capacitor or the Q
B source.
)
1
)(
1
(
)
1
)(
1
(
)
(
2
1
2
1
P
P
Z
Z
I
COMP
s
s
s
s
s
s
G
ω
ω
ω
ω
ω
+
+
+
+
⋅
=
2
3
1
2
1
2
1
)
(
1
,
1
C
R
R
C
R
Z
Z
+
=
=ω
ω
3
1
3
1
2
2
2
3
1
3
1
1
1
,
1
,
)
(
1
C
C
C
C
R
C
R
C
C
R
P
P
I
+
=
=
+
=ω
ω
ω
R3
C3
R2
R1
C1
Vref
C2
-
+
Figure 2. Simplified asymptotic diagram of buck power
stage and its compensated loop gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com