Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4611ITSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4611ITSTRT
Description  Wide Input Range High Performance Synchronous Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4611ITSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC4611ITSTRT Datasheet HTML 1Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 2Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 3Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 4Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 5Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 6Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 7Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.semtech.com
SC4611
Wide Input Range High Performance
Synchronous Buck Switching Regulator
POWER MANAGEMENT
Revision: November 10, 2004
Description
Features
Applications
Typical Application Circuit
Wide input range, 4.5 to 30V
Output voltage as low as 0.5V
2A output drive capability
Asynchronous start up mode
Multimode overcurrent protection with current limit,
hiccup mode and latched shutdown
Overvoltage crowbar protection
Power OK signal
Programmable frequency up to 1 MHz with external
synchronization
–40 to +85 degree C operating temperature
Thermal shutdown
Small package TSSOP-20
SC4611 is a high performance synchronous buck controller
that can be configured for a wide range of applications.
The SC4611 utilizes synchronous rectified buck topologies
where high efficiency is the primary consideration. It is
optimized for applications involving multiple and redundant
convertors connected together. The startup is
asynchronous, which keeps the lower side FET off during
soft start. This is a desired feature when a convertor is
turned on with a preset external voltage or pre-bias voltage
already present across its output. With the lower FET off,
external bus is not discharged which avoids latch-up of
modern ASIC circuits.
SC4611 comes with a rich set of features like regulated
Vcc supply, soft start, power-good signaling, high current
gate drivers, bootstrapped supply for driving high side N-
channel MOSFETs, shoot through protection, frequency
synchronization and the option for overvoltage crowbar. It
also features multi mode overload protection that includes
continuous current limiting, hiccup mode followed by latch
off. The user has the option of bypassing the hiccup mode
and latch off the output if required.
Distributed power architectures
Telecommunication equipment
Servers/work stations
Mixed signal applications
Paralleled synchronous buck convertors
Base station power management
Cin
Cout
Rcs
Rclset
RT
QH
QL
Lout
VIN
4
AVC C
17
PVCC
20
PGN D
18
GDL
19
PH
1
GDH
2
BS T
3
AG ND
15
EAO
9
FB
8
SS /S H
14
SYNC
16
OS C
13
OVP
11
BD I
5
POK
10
CS +
7
CS -
6
CL M
12
VIN (30V MAX)
VOUT (0.5V MIN)
RTN
RTN


Similar Part No. - SC4611ITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC4612EVB SEMTECH-SC4612EVB Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
1Mb / 18P
40V Synchronous Buck Controller
More results

Similar Description - SC4611ITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
High Performance Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com