Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4611ITSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4611ITSTRT
Description  Wide Input Range High Performance Synchronous Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4611ITSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC4611ITSTRT Datasheet HTML 1Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 2Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 3Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 4Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 5Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 6Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 7Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
 2004 Semtech Corp.
www.semtech.com
SC4611
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
r
o
t
a
ll
i
c
s
O
e
g
n
a
R
y
c
n
e
u
q
e
r
Fw
s
F0
5
10
0
0
1z
H
k
y
c
n
e
u
q
e
r
Fw
s
FR
T
K
5
1
=0
5
55
2
60
0
7z
H
k
e
g
a
tl
o
V
p
m
a
R
k
a
e
P
o
t
k
a
e
P
)
1
(
V
P
M
A
R
0
.
3V
h
t
d
i
W
e
s
l
u
P
h
g
i
H
t
u
p
n
I
C
N
Y
S
T
C
N
Y
S
0
0
1S
n
e
m
i
T
ll
a
F
/
e
s
i
R
C
N
Y
S
0
5S
n
e
g
n
a
R
y
c
n
e
u
q
e
r
F
C
N
Y
S
w
s
F%
5
1
+
w
s
Fz
H
k
d
l
o
h
s
e
r
h
T
w
o
L
/
h
g
i
H
C
N
Y
S
V
C
N
Y
S
0
.
2V
r
e
i
f
il
p
m
A
r
o
r
r
E
e
g
a
tl
o
V
k
c
a
b
d
e
e
F
V
B
F
T
A
C
g
e
D
5
2
=3
9
4
.
05
.
07
0
5
.
0V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
)
1
(
2
.
0
µA
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
)
1
(
3z
H
M
n
i
a
G
C
D
p
o
o
L
n
e
p
O
)
1
(
0
9B
d
t
n
e
r
r
u
C
k
n
i
S
/
e
c
r
u
o
S
t
u
p
t
u
O
I
O
A
E
+0
1A
m
r
o
t
a
r
a
p
m
o
C
e
s
n
e
S
t
n
e
r
r
u
C
)
J
D
A
M
I
L
I
(
t
n
e
r
r
u
c
t
e
s
f
f
o
n
i
p
-
S
C
I
-
S
C
K
5
1
=
T
R
K
1
=
t
e
s
l
c
R
6
62
88
9
µA
d
l
o
h
s
e
r
h
t
e
s
n
e
s
ti
m
il
t
n
e
r
r
u
C
V
L
C
6
62
88
9V
m
s
i
s
e
r
e
t
s
y
h
ti
m
il
t
n
e
r
r
u
C
0
3%
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
v
r
e
v
O
d
n
a
d
o
o
G
r
e
w
o
P
e
s
n
e
S
h
g
i
H
t
u
p
t
u
O
r
o
f
l
e
v
e
L
B
F
V
H
T
L
2
5
.
05
5
.
08
5
.
0V
s
i
s
e
r
e
t
s
y
H
)
1
(
6V
m
e
s
n
e
S
w
o
L
t
u
p
t
u
O
r
o
f
l
e
v
e
L
B
F
V
H
T
H
2
4
.
05
4
.
08
4
.
0V
s
i
s
e
r
e
t
s
y
H
)
1
(
6V
m
l
e
v
e
L
w
o
L
t
u
p
t
u
O
K
O
R
W
P
V
K
O
P
I
K
O
P
0
=2
.
0V
e
c
n
e
r
e
f
e
R
p
i
r
T
P
V
O
V
P
V
O
5
7
4
.
0
5
.
0
5
2
5
.
0
V
(1) Guaranteed by design. Not tested in production.
Unless specified: T
A = TJ = -40 to +85°C, Vin = 12V, PVCC = AVCC = 6V, Fsw = 625 kHz, SS/SH = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com