Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4611ITSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4611ITSTRT
Description  Wide Input Range High Performance Synchronous Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4611ITSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4611ITSTRT Datasheet HTML 3Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 4Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 5Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 6Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 7Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 9Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 10Page - Semtech Corporation SC4611ITSTRT Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
 2004 Semtech Corp.
www.semtech.com
SC4611
POWER MANAGEMENT
3.3V/10A Evaluation Board Schematic
U1
SC4611ITSTR
PVCC
VOUT
C3
C8
C9
C17
10 uF
C19
10 uF
C21
N/U
C4
C10
C14
C15
10 nF
R4
.01R/1W
R1
1R
R3
N/U
R6
2R
R8
2R
1K
R9
5R
R10
10K
VGG
R11
R12
10K
R13
1K
R26
33.2K
R21
10K
R23
1.78K
R17
20K
R19
2K
R18
10R
R25
10R
J1
J2
J3
J4
PH
D3
N/U
D1
VIN
GDL
GDH
RTN
C5
RTN
C6
C7
VDC
C1
L1
SHORT
L2 2.2 uF
C2
AVCC
TP1
TP3
TP4
TP11
TP10
TP9
TP7
TP6
C13
1 nF
TP2
TP5
R2
3.3V
CLM
Q1
6612
Q2
N/U
Q3
6670
Q4
6670
EAO
R5
.01R/1W
OVP
10-15V Vin to 3.3V/10A 300 kHz Reference Design With SC4611
J5-2
R22
249R
J5-3
J5-4
C12
2.2 nF
J5-1
J6-2
J6-1
J6-3
J6-4
+S
N/U
N/U
TP12
TP13
C11
1 uF
CS-
CS+
TP14
TP15
SS
TP8
D2
RED
R7
1K
RTN
RTN
VOUT
Q5
3906
C16
100 uF
C18
100 uF
VFB
C20
N/U
-S
BST
2). The high power, high current parts of the circuit should
be laid out first. The on time loop formed by the input
capacitor Cin, the high side FET Q
T, the output inductor and
the output capacitor bank Cout must be kept as small as
possible. Another loop area to minimise is formed by low
side FET Q
B, the output inductor and the output capacitor
bank Cout during the off period. These loops contain all
the high current, fast transition switching. Connections
should be as wide and as short as possible to minimize
loop inductance.
3). The connection between the junction of Q
T, QB and the
output inductor should be a wide trace or copper region. It
should be as short as practical. Since this connection has
fast voltage transitions, keeping this connection short will
minimize EMI. Also keep the Phase connection to the IC
short. The top FET gate charge currents flow in this trace.
4) The output capacitor Cout should be located as close to
the load terminals as possible. Fast transient load currents
are supplied by Cout and connections between Cout and
the load must be kept short with wide copper areas to
minimize inductance and resistance. This will improve the
transient response to step loads.
5) The SC4611 is best placed over a quiet ground plane
area. Avoid pulse currents of the Cin, Q
T, QB loop flowing in
this area. This analog ground plane should be connected
to the power ground plane at a “quiet” point near the input
capacitor. Under no circumstance should it be returned to
a point inside the Cin, Q
T, QB, Cout power ground loops.
6) The SC4611 AGND pin is connected to the separate
analog ground plane with minimum lead length . All analog
grounding paths including decoupling capacitors, feedback
resistors, compensation components, and current-limit
setting resistors should be connected to the same plane.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com