Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46E Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
HT46R46E/C46E/R47E/C47E/R48AE/C48AE/R49E
Rev. 1.20
17
August 15, 2007
EEPROM Data Memory
All devices contain an internal 1K capacity EEPROM
memory with a 128
´8 bit structure. An EEPROM, which
stands for Electrically Erasable Programmable Read
Only Memory, is by its nature a non-volatile form of
memory, with data retention even when its power supply
is removed. By incorporating this kind of data memory, a
whole new host of application possibilities are made
available to the designer. The availability of EEPROM
storage allows information such as product identification
numbers, calibration values, specific user data, system
setup data or other product information to be stored di-
rectly within the product microcontroller.
Accessing the EEPROM Data Memory
The internal EEPROM Data Memory has an I
2C struc-
ture and as such is accessed via a 2-line serial interface
for data transfer. These two lines are the Serial Data line
on pin SDA, and the Serial Clock line on pin SCL. The
SDA line is bi-directional and is the line where the data is
written to and read from the EEPROM. The SCL line is
an input line and is the clock signal for both the reading
and writing of data. These two EEPROM pins are
shared with I/O pins as shown in the table. Any pull-high
resistors configuration options for these pin shared pins
also remain valid for the EEPROM. Care must be taken
if these pins are used as normal I/O pins, as any signals
on the pins may be seen by the EEPROM as a valid read
or write operation command. If this happens the
EEPROM may inadvertently generate signals on its
SDA line which could create unexpected programming
errors. The Internal EEPROM can be directly controlled
using the pin-shared I/O pins or it can be directly con-
nected to an external I
2C bus and controlled by some
other external master device. In this latter case care
should be taken to ensure that the pin-shared I/Os for
the SDA and SCL lines are both setup as inputs.
Function
Device
HT46R46E/HT46R47E
HT46R48AE/HT46R49E
EEPROM Pin
SDA
SCL
SDA
SCL
I/O Pin
PD0
PB3
PC0
PC1
Capacity
128
´8 bits
EEPROM I/O Shared Pins
· SCL Pin
This is the clock input pin to the EEPROM. Writing
data into the EEPROM is implemented on the low to
high edge of this pin. Reading data out of the
EEPROM is implemented on the high to low edge.
Any data on the SDA line that is to be sent to the
EEPROM on the next rising clock edge is only allowed
to change state when the SCL line is low. If the SCL
line is high and the data on the SDA line changes, this
will be interpreted as a START or STOP condition.
· SDA Pin
This is the EEPROM data pin. As the pin is used for
both reading and writing of data it is bi-directional. As
the pin has an open-drain output, it can be wire-OR
connected to other external open-drain or
open-collector outputs. Otherwise it must be con-
nected to a pull-high resistor for correct operation,
which can be implemented using the pull-high config-
uration option for the corresponding shared I/O pin.
Clock/Data Relationship
The sequence of events to read or write data to the
EEPROM follows the same pattern. All operations
must begin with a START condition and end with a
STOP condition. Inserted between the START and
STOP conditions are the device address, a read/write
bit and address and data information. All control infor-
mation, addresses and data is sent in 8-bit format to
the EEPROM, if successfully received the EEPROM
will respond with an acknowledge signal allowing the
next 8-bits to be received or transmitted.
S C L
S D A
D a t a m u s t n o t c h a n g e w h e n S C L i s h i g h
D a t a o n l y a l l o w e d
t o c h a n g e w h e n
S C L i s l o w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com