Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46E Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
HT46R46E/C46E/R47E/C47E/R48AE/C48AE/R49E
Rev. 1.20
19
August 15, 2007
Read Operations
There are three kinds of read operation. These are cur-
rent address read, random read and sequential read.
· Current Address Read
Inside the EEPROM is an internal counter which will
point to the present EEPROM address. This internal
counter will increment by one each time a read or write
operation is executed. The value of the counter will be
stored as long as the EEPROM is powered up, only
when power is removed will the counter lose its value.
If it is required to read the data at the address that this
internal counter is pointing to, then it is not necessary
to send any address information to the EEPROM.
Therefore for a current address read operation to be
executed, after the device address and read/write bit
information has been sent, if the read/write bit is set
high, then after the EEPROM sends its acknowledge
signal by pulling SDA low on the ninth clock pulse, it
will transmit its internal 8-bits of data at this address
on the following eight clock pulses. After the 8-bits of
data have been received, no acknowledge is sent but
a STOP condition should be transmitted by the receiv-
ing device to end the read execution.
· Random Read
A random read operation allows data at any address
within the EEPROM to be read out. For this to happen,
a start condition, device address and read/write bit
must first be transmitted. Then after the usual ac-
knowledge signal is received from the EEPROM, the
required EEPROM internal address information must
be transmitted. In this case, as an address is being
written to the EEPROM, the read/write bit should be
low. After the 8-bit address has been transmitted, in
an MSB first format, the EEPROM will respond with
another acknowledge signal. At this point, the internal
counter is now pointing to the requested address.
Now the data can be read out by sending another
start, device address and read/write bit information,
but this time with the read/write bit set high to indicate
a read operation. After the EEPROM acknowledges
this in the usual way, the 8-bits of data at the re-
quested address can be read out. As this read opera-
tion is the same as the current address read
operation, no acknowledge signal will be generated
but a stop condition must be sent to the EEPROM to
end the read execution.
· Sequential Read
A sequential read allows more than one byte of data to
be read out of the EEPROM sequentially. It utilises the
EEPROM internal counter, which points to the
EEPROM internal address, and which will increment
by one automatically after each byte of data has been
read out. A sequential read operation is started by first
executing a random read or current read to setup the
start address of the data to be read out. After the first
byte of data has been read out of the EEPROM using
the current read or random read, instead of sending a
STOP condition, an acknowledge is sent instead. This
is achieved by the receiving device pulling the SDA
line low on the clock pulse after the eighth data bit.
When the EEPROM receives this acknowledge it will
automatically increment its internal counter allowing
the next byte of data to be read out. Note that when
the address counter reaches its maximum value its
next value will automatically roll over to zero.
D e v i c e a d d r e s s
D a t a f r o m E E P R O M
S t o p
S t a r t
S D A
1
1
0
0
0
0
0
R
R / W h i g h
- - R e a d
A c k n o w l e d g e
f r o m E E P R O M
S D A p u l l e d l o w
N o a c k n o w l e d g e
S D A f l o a t s h i g h
Current Address Read
D e v i c e a d d r e s s
W o r d a d d r e s s
S t o p
S D A
D a t a
D e v i c e a d d r e s s
S t a r t
1
1
0
0 0 0 0
R / W l o w
- - W r i t e
A c k n o w l e d g e
f r o m E E P R O M
S D A p u l l e d l o w
N o a c k n o w l e d g e
S D A f l o a t s h i g h
W
S t a r t
1
1
0
0 0 0 0 R
R / W h i g h
- - R e a d
Random Read
C u r r e n t a d d r e s s r e a d o r
r a n d o m r e a d o p e r a t i o n
D a t a n
S D A
D a t a n + 1
D a t a n + x
S t o p
N o a c k n o w l e d g e
S D A f l o a t s h i g h
R / W h i g h
- - R e a d
0 0 R
A c k n o w l e d g e f r o m r e c e i v i n g d e v i c e
S D A p u l l e d l o w
Sequential Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com