Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46E Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
HT46R46E/C46E/R47E/C47E/R48AE/C48AE/R49E
Rev. 1.20
20
August 15, 2007
Write Operations
There is only one write operation which is a byte write.
· Byte Write
A byte write operation allows a single byte of data to
be written into the EEPROM. For this to happen, a
start condition, device address and read/write bit must
first be transmitted. Then after the usual acknowledge
signal is received from the EEPROM, the required
EEPROM internal address information where the data
is to be written must be transmitted. In this case, as an
address is being written to the EEPROM, the
read/write bit should be low. After the 8-bit address
has been transmitted in an MSB format, the EEPROM
will respond with another acknowledge signal. At this
point the internal counter is now pointing to the re-
quested address. Now the 8-bits of data to be written,
in an MSB format, can be transmitted to the
EEPROM. When the last bit has been received the
EEPROM will respond with the usual acknowledge
signal, after which a STOP condition should be trans-
mitted to the EEPROM. After the EEPROM receives
the STOP condition it will enter its internal write cycle.
The internal write cycle is fully controlled and timed by
the EEPROM and when running, no other EEPROM
operations can be executed.
· Internal Write Cycle
After a write operation is executed and when the
EEPROM receives the final STOP condition at the
end of the write operation, it will enter its internally
controlled and timed internal write cycle. When the in-
ternal write cycle is executing, no other operations can
be carried out on the EEPROM. Before executing fur-
ther operations on the EEPROM, therefore, a time de-
lay must be provided, whose value should be equal to
the maximum write cycle time, tWR, as specified in the
EEPROM A.C. Characteristics table. However as only
a maximum time is provided, a better method, using
polling to determine when the write cycle has finished,
can be used. To do this a START condition, followed
by a device address and read/write bit low, is transmit-
ted to the EEPROM. If the write cycle has completed
the EEPROM will respond with an acknowledge sig-
nal, which means the SDA line will be pulled low. If the
write cycle has not completed then no acknowledge
signal will be generated and the SDA line will remain
high.
D e v i c e a d d r e s s
W o r d a d d r e s s
D a t a
S D A
S t a r t
A c k n o w l e d g e f r o m E E P R O M - - S D A p u l l e d l o w
R / W l o w
- - W r i t e
1
0
1
0
0
0
0
W
S t o p
Byte Write
S e n d W r i t e C o m m a n d
S e n d S t o p C o n d i t i o n
t o I n i t i a t e I n t e r n a l
W r i t e C y c l e
S e n d S t a r t
S e n d D e v i c e A d d r e s s
R / W = 0
A c k n o w l e d g e
R e c e i v e d
N e x t O p e r a t i o n
N o
Y e s
S D A = 0
I n t e r n a l w r i t e c y c l e
s t i l l r u n n i n g
Internal Write Cycle Busy Polling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com