Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46E Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
HT46R46E/C46E/R47E/C47E/R48AE/C48AE/R49E
Rev. 1.20
22
August 15, 2007
· External Interrupt Input
The external interrupt pin INT is pin-shared with the
I/O pin PA5. For applications not requiring an external
interrupt input, the pin-shared external interrupt pin
can be used as a normal I/O pin, however to do this,
the external interrupt enable bits in the INTC register
must be disabled.
· External Timer Clock Input
The external timer pin TMR is pin-shared with the I/O
pin PA4. To configure it to operate as a timer input, the
corresponding control bits in the timer control register
must be correctly set. For applications that do not re-
quire an external timer input, the pin can be used as a
normal I/O pin. Note that if used as a normal I/O pin
the timer mode control bits in the timer control register
must select the timer mode, which has an internal
clock source, to prevent the input pin from interfering
with the timer operation.
· PFD Output
Each device contains a PFD function whose single
output is pin-shared with PA3. The output function of
this pin is chosen via a configuration option and re-
mains fixed after the device is programmed. Note that
the corresponding bit of the port control register,
PAC.3, must setup the pin as an output to enable the
PFD output. If the PAC port control register has setup
the pin as an input, then the pin will function as a nor-
mal logic input with the usual pull-high option, even if
the PFD configuration option has been selected.
· PWM Outputs
All devices contain one or two PWM outputs pin
shared with pins PD0 and PD1. The PWM output
functions are chosen via configuration options and re-
main fixed after the device is programmed. Note that
the corresponding bit or bits of the port control regis-
ter, PDC, must setup the pin as an output to enable
the PWM output. If the PDC port control register has
setup the pin as an input, then the pin will function as a
normal logic input with the usual pull-high option, even
if the PWM configuration option has been selected.
· A/D Inputs
Each device has four A/D converter inputs. All of
these analog inputs are pin-shared with I/O pins on
Port B. If these pins are to be used as A/D inputs and
not as normal I/O pins then the corresponding bits in
the A/D Converter Control Register, ADCR, must be
properly set. There are no configuration options asso-
ciated with the A/D function. If used as I/O pins, then
full pull-high resistor configuration options remain,
however if used as A/D inputs then any pull-high resis-
tor options associated with these pins will be automat-
ically disconnected.
· SCL/SDA EEPROM Pins
The internal EEPROM has two active pins, a clock
pin, SCL, and a data pin, SDA. The SDA pin is shared
with pin PD0 on the HT46R46E and HT46R47E de-
vices and with pin PC0 on the other devices. The SCL
pin is shared with pin PB3 on the HT46R46E and
HT46R47E devices and with pin PC1 on the other de-
vices. Data can be transmitted to and from the
EEPROM using their corresponding I/O shared pins.
The EEPROM pins, SCL and SDA, can also be con-
nected to an external I
2C bus, allowing it to be con-
trolled by an external I
2C master device. In this case
the I/O pins must be setup as inputs. Care must also
be taken if these pins are used as normal I/O pins as
the internal EEPROM may interpret regular I/O pin
data as EEPROM read or write commands, which
could result in unexpected programming errors. Note
that there is no configuration option associated with
these shared pins.
I/O Pin Structures
The following diagrams illustrate the I/O pin internal
structures. As the exact logical construction of the I/O
pin may differ from these drawings, they are supplied as
a guide only to assist with the functional understanding
of the I/O pins.
V D D
M
U
X
W a k e - u p O p t i o n
S y s t e m W a k e - u p
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - H i g h
O p t i o n
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
I / O P i n
W e a k
P u l l - u p
D
Q
C K
S
Q
D
Q
C K
S
Q
P A o n l y
Non-pin-shared Function Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com