Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R321 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R321
Description  A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R321 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R321 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
OP Amplifier Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
D.C. Electrical Characteristic
VDD
Operating Voltage
¾¾
3
¾
5.5
V
VOPOS1
Input Offset Voltage
5V
¾-10
¾
10
mV
VOPOS2
Input Offset Voltage
5V
By Calibration
-2
¾
2mV
VCM
Common Mode Voltage Range
¾¾
VSS
¾
VDD-
1.4V
V
PSRR
Power Supply Rejection Ratio
¾¾
60
80
¾
dB
CMRR
Common Mode Rejection Ratio
5V
VCM=0~VDD
-1.4V
60
80
¾
dB
tRES
Response Time (Comparator)
¾ Input overdrive=±10mV
¾¾
2
ms
A.C. Electrical Characteristic
AOL
Open Loop Gain
¾¾
60
80
¾
dB
SR
Slew Rate +, Slew Rate -
¾ No load
¾
0.1
¾
V/
ms
GBW
Gain Band Width
¾ RL=1M, CL=100p
¾¾
100
kHz
HT46R321
Rev. 1.00
6
August 3, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com