Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R321 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46R321
Description  A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R321 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46R321 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
HT46R321
Rev. 1.00
19
August 3, 2007
Important Note for A/D initialisation:
Special care must be taken to initialise the A/D converter each time the Port B A/D channel selection bits are modified,
otherwise the EOCB flag may be in an undefined condition. An A/D initialisation is implemented by setting the START
bit high and then clearing it to zero within 10 instruction cycles of the Port B channel selection bits being modified. Note
that if the Port B channel selection bits are all cleared to zero then an A/D initialisation is not required.
Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADRL
D3
D2
D1
D0
¾¾¾¾
ADRH
D11
D10
D9
D8
D7
D6
D5
D4
Note:
D0~D11 is A/D conversion result data bit LSB~MSB.
ADRL (20H), ADRH (21H) Register
Bit No.
Label
Function
0
1
2
ACS0
ACS1
ACS2
ACS3[ACSR], ACS2, ACS1, ACS0: selected A/D channel
3
4
5
PCR0
PCR1
PCR2
Port B, C configuration selection.
If PCR0, PCR1, PCR2 and PCR3[ACSR] are all zero,
the ADC circuit is power off to reduce power consumption
6
EOCB
Indicates end of A/D conversion. (0 = end of A/D conversion)
Each time bits 3~5 change state the A/D should be initialised by issuing a START signal, other-
wise the EOCB flag may have an undefined condition. See
²Important note for A/D initialisation².
7
START Starts the A/D conversion. (0
®1®0= start; 0®1= Reset A/D converter and set EOCB to ²1²)
ADCR (22H) Register
ACS2, ACS1, ACS0
Channel
000
AN0
001
AN1
010
AN2
011
AN3
100
AN4
101
AN5
11x
Undefined, can
¢t be used
A/D Channel
Bit No.
Label
Function
0
1
ADCS0
ADCS1
Select the A/D converter clock source.
0,0=fSYS/2; 0,1=fSYS/8
1,0=fSYS/32; 1,1=Undefined
2~6
¾
Unused bit, read as
²0².
7
TEST
For internal test only.
ACSR (23H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com