Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R321 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46R321
Description  A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R321 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46R321 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
HT46R321
Rev. 1.00
11
August 3, 2007
All interrupts have a wake-up capability. As an interrupt
is serviced, a control transfer occurs by pushing the pro-
gram counter onto the stack, followed by a branch to a
subroutine at a specified location in the program mem-
ory. Only the program counter is pushed onto the stack.
If the contents of the register or status register are al-
tered by the interrupt service program which corrupts
the desired control sequence, the contents should be
saved in advance.
External interrupts are triggered by a high to low transi-
tion on the INT pin, which will set the related interrupt re-
quest flag, EIF, which is bit 4 of INTC. When the interrupt
is enabled, the stack is not full and the external interrupt
is active, a subroutine call to location 04H will occur. The
interrupt request flag, EIF, and EMI bits will be cleared to
disable other interrupts.
The internal timer/event counter interrupt is initialised by
setting the timer/event counter interrupt request flag, TF,
which is bit 5 of INTC, caused by a timer overflow. When
the interrupt is enabled, the stack is not full and the TF
bit is set, a subroutine call to location 008H will occur.
The related interrupt request flag, TF, will be reset and
the EMI bit cleared to disable further interrupts.
The A/D converter interrupt is initialised by setting the
A/D converter request flag, ADF, which is bit 6 of INTC1,
caused by an end of A/D conversion. When the interrupt
is enabled, the stack is not full and the ADF bit is set, a
subroutine call to location 00CH will occur. The related
interrupt request flag, ADF, will be reset and the EMI bit
cleared to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the RETI in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1. Of course, the stack
must not be full. To return from the interrupt subroutine,
a RET or RETI instruction may be executed. A RETI in-
struction will set the EMI bit to enable an interrupt ser-
vice, but a RET instruction will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt
1
004H
Timer/Event Counter Overflow
2
008H
A/D Converter Interrupt
3
010H
Once the interrupt request flags, TF, EIF, ADF, are set,
they will remain in the INTC register until the interrupts
are serviced or cleared by a software instruction. It is
recommended that a program does not use the CALL
subroutine within the interrupt subroutine. Interrupts of-
ten occur in an unpredictable manner or need to be ser-
viced immediately in some applications. If only one stack
is left and enabling the interrupt is not well controlled, the
original control sequence will be damaged once the
²CALL² operates in the interrupt subroutine.
Oscillator Configuration
There are two oscillator circuits in the microcontroller,
namely an RC oscillator and a crystal oscillator, the
choice of which is determined by a configuration option.
When the system enters the Power-down mode the sys-
tem oscillator stops and ignores external signals to con-
serve power.
If an RC oscillator is used, an external resistor between
OSC1 and VSS is required whose resistance value
must range from 24k
W to 1MW. The system clock, di-
vided by 4, can be monitored on pin OSC2 if a pull-high
resistor is connected. This signal can be used to syn-
chronise external logic. The RC oscillator provides the
most cost effective solution, however the frequency of
oscillation may vary with VDD, temperature and the
process variations. It is, therefore, not suitable for tim-
ing sensitive operations where an accurate oscillator
frequency is desired.
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator; no other external compo-
nents are required. Instead of a crystal, a resonator can
also be connected between OSC1 and OSC2 to get a
frequency reference, but two external capacitors in
OSC1 and OSC2 are required, If the oscillating fre-
quency is less than 1MHz.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 2
f S Y S / 4
O S C 1
V D D
4 7 0 p F
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com