Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R321 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46R321
Description  A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R321 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46R321 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
HT46R321
Rev. 1.00
22
August 3, 2007
Low Voltage Reset
- LVR
The microcontroller provides a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as what happens when changing a
battery, the LVR will automatically reset the device inter-
nally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in its origi-
nal state to exceed tLVR. If the low voltage state does
not exceed tLVR, the LVR will ignore it and will not per-
form a reset function.
· The LVR uses the
²OR² function with the external RES
signal to perform a chip reset.
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip
operation at 4MHz system clock.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilised, the SST provides an extra delay of 1024 system
clock pulses before beginning normal operation.
*2: Since the low voltage has to maintain in its original state and exceed tLVR, therefore tLVR delay enter the
reset mode.
OP Amplifier/Comparator
The devices include an integrated operational amplifier
or comparator, selectable via configuration option. The
default is function is comparator. The input voltage off-
set is adjustable by using a common mode input to cali-
brate the offset value.
The calibration process is as follows:
· Set bit AOFM=1 to select the offset cancellation mode
- this closes switch S3
· Set the ARS bit to select which input pin is the
reference voltage - closes either switch S1 or S2
· Adjust bits AOF0~AOF3 until the output status
OPAOP has changed.
· Set AOFM=0 to select the normal operating mode
A P N
A P P
V R
A P O
A P N
A P P
A P O
S 1
S 2
S 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com