Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
HT46R64/HT46C64
Rev. 1.80
14
February 14, 2006
Real Time Clock
- RTC
The real time clock (RTC) is operated in the same man-
ner as the time base that is used to supply a regular in-
ternal interrupt. Its time-out period ranges from fS/2
8 to
fS/2
15 by software programming . Writing data to RT2,
RT1 and RT0 (bit 2, 1, 0 of RTCC;09H) yields various
time-out periods. If the RTC time-out occurs, the related
interrupt request flag (RTF; bit 6 of INTC1) is set. But if
the interrupt is enabled, and the stack is not full, a sub-
routine call to location 18H occurs.
RT2
RT1
RT0
RTC Clock Divided Factor
000
2
8*
001
2
9*
010
2
10*
011
2
11*
100
2
12
101
2
13
110
2
14
111
2
15
Note:
²*² not recommended to be used
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following.
· The system oscillator turns off but the WDT oscillator
keeps running (if the WDT oscillator or the real time
clock is selected).
· The contents of the on-chip RAM and of the registers
remain unchanged.
· The WDT is cleared and start recounting (if the WDT
clock source is from the WDT oscillator or the real time
clock oscillator).
· All I/O ports maintain their original status.
· The PDF flag is set but the TO flag is cleared.
· LCD driver is still running (if the WDT OSC or RTC
OSC is selected).
The system quits the HALT mode by an external reset,
an interrupt, an external falling edge signal on port A, or
a WDT overflow. An external reset causes device initial-
ization, and the WDT overflow performs a
²warm reset².
After examining the TO and PDF flags, the reason for
chip reset can be determined. The PDF flag is cleared by
system power-up or by executing the
²CLR WDT² in-
struction, and is set by executing the
²HALT² instruction.
On the other hand, the TO flag is set if WDT time-out oc-
curs, and causes a wake-up that only resets the program
counter and SP, and leaves the others at their original
state.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by options. Awakening from an I/O port stimulus,
the program resumes execution of the next instruction.
On the other hand, awakening from an interrupt, two se-
quence may occur. If the related interrupt is disabled or
the interrupt is enabled but the stack is full, the program
resumes execution at the next instruction. But if the in-
terrupt is enabled, and the stack is not full, the regular in-
terrupt response takes place.
When an interrupt request flag is set before entering the
²HALT² status, the system cannot be awakened using
that interrupt.
If wake-up events occur, it takes 1024 tSYS (system
clock period) to resume normal operation. In other
words, a dummy period is inserted after the wake-up. If
the wake-up results from an interrupt acknowledgment,
the actual interrupt subroutine execution is delayed by
more than one cycle. However, if the wake-up results in
the next instruction execution, the execution will be per-
formed immediately after the dummy period is finished.
D i v i d e r
f S
8 t o 1
M u x .
P r e s c a l e r
R T 2
R T 1
R T 0
R T C I n t e r r u p t
2 8 / f S ~ 2 1 5 / f S
Real Time Clock
f s
D i v i d e r
P r e s c a l e r
O p t i o n
L C D D r i v e r ( f S / 2 2 ~ f S / 2 8 )
B u z z e r ( f S / 2 2 ~ f S / 2 9 )
T i m e B a s e I n t e r r u p t
2 1 2 / f S ~ 2 1 5 / f S
O p t i o n
Time Base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com