Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
HT46R64/HT46C64
Rev. 1.80
17
February 14, 2006
Timer/Event Counter
Two timer/event counters (TMR0,TMR1) are imple-
mented in the microcontroller. The Timer/Event Counter
0 contains a 8-bit programmable count-up counter and
the clock may come from an external source or an inter-
nal clock source. An internal clock source comes from
fSYS. The Timer/Event Counter 1 contains a 16-bit pro-
grammable count-up counter and the clock may come
from an external source or an internal clock source. An
internal clock source comes from fSYS/4 or 32768Hz se-
lected by option. The external clock input allows the
user to count external events, measure time intervals or
pulse widths, or to generate an accurate time base.
There are two registers related to the Timer/Event
Counter 0; TMR0 ([0DH]) and TMR0C ([0EH]). Two
physical registers are mapped to TMR0 location; writing
TMR0 puts the starting value in the Timer/Event Coun-
ter 0 register and reading TMR0 takes the contents of
the Timer/Event Counter 0. The TMR0C is a timer/event
counter control register, which defines some options.
There are three registers related to the Timer/Event
Counter 1; TMR1H (0FH), TMR1L (10H) and TMR1C
(11H). Writing TMR1L will only put the written data to an
internal lower-order byte buffer (8-bit) and writing
TMR1H will transfer the specified data and the contents
of the lower-order byte buffer to TMR1H and TMR1L
registers, respectively.
The Timer/Event Counter 1 preload register is changed
everytime there is a writing operation to TRM1H. Read-
ing TMR1H will latch the contents of TMR1H and
TMR1L counters to the destination and the lower-order
byte buffer, respectively. Reading the TMR1L will read
the contents of the lower-order byte buffer. The TMR1C
is the Timer/Event Counter 1 control register, which de-
fines the operating mode, counting enable or disable
and an active edge.
The T0M0, T0M1 (TMR0C) and T1M0, T1M1 (TMR1C)
bits define the operation mode. The event count mode is
used to count external events, which means that the
clock source is from an external (TMR0, TMR1) pin. The
timer mode functions as a normal timer with the clock
source coming from the internal selected clock source.
Finally, the pulse width measurement mode can be used
to count the high or low level duration of the external sig-
nal (TMR0, TMR1), and the counting is based on the in-
ternal selected clock source.
R e l o a d
O v e r f l o w t o I n t e r r u p t
P F D 0
T 0 M 1
T 0 M 0
T M R 0
T 0 E
T 0 M 1
T 0 M 0
T 0 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
8 - b i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
8 - b i t T i m e r / E v e n t C o u n t e r
( T M R 0 )
D a t a B u s
8 - s t a g e P r e s c a l e r
8 - 1 M U X
f S Y S
f I N T
T 0 P S C 2 ~ T 0 P S C 0
( 6 + 2 ) o r ( 7 + 1 )
C o m p a r e
P W M
T o P D 0 / P D 1 / P D 2 / P D 3 C i r c u i t
Timer/Event Counter 0
P F D 1
T 1 M 1
T 1 M 0
T M R 1
T 1 E
T 1 M 1
T 1 M 0
T 1 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
f I N T
f S Y S / 4
3 2 7 6 8 H z
T 1 S
M
U
X
1 6 - B i t
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w t o I n t e r r u p t
L o w B y t e
B u f f e r
H i g h B y t e
L o w B y t e
1 6 - B i t T i m e r / E v e n t C o u n t e r
Timer/Event Counter 1
M
U
X
1 / 2
P F D
P F D S o u r c e O p t i o n
P A 3 D a t a C T R L
P F D 0
P F D 1
PFD Source Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com