Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
HT46R64/HT46C64
Rev. 1.80
20
February 14, 2006
The PA0 and PA1 are pin-shared with BZ and BZ signal,
respectively. If the BZ/BZ option is selected, the output
signal in output mode of PA0/PA1 will be the buzzer sig-
nal generated by multi-function timer. The input mode
always remain in its original function. Once the BZ/BZ
option is selected, the buzzer output signal are con-
trolled by the PA0, PA1 data register only.
The I/O function of PA0/PA1 are shown below.
PA0 I/O
I
I
OOOOOOOO
PA1 I/O
I
O
I
I
I
OOOOO
PA0 Mode
X
X C B
B C BBBB
PA1 Mode
X C X
X
X C C C B
B
PA0 Data
X
X D
0
1 D0 0101
PA1 Data
X D X
X
X D1 D D X
X
PA0 Pad Status
I
I
D
0
B D0 0B0B
PA1 Pad Status
I
D
I
I
I D1 DD 0 B
Note:
²I² input; ²O² output
²D, D0, D1² Data
²B² buzzer option, BZ or BZ
²X² don¢t care
²C² CMOS output
The PB can also be used as A/D converter inputs. The
A/D function will be described later. There is a PWM
function shared with PD0/PD1/PD2/PD3. If the PWM
function is enabled, the PWM0/PWM1/PWM2/PWM3
signal will appear on PD0/PD1/PD2/PD3 (if
PD0/PD1/PD2/PD3 is operating in output mode). Writ-
ing
²1² to PD0~PD3 data register will enable the PWM
output function and writing
²0² will force the PD0~PD3 to
remain at
²0². The I/O functions of PD0/PD1/PD2/PD3
are as shown.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PWM)
O/P
(PWM)
PD0~
PD3
Logical
Input
Logical
Output
Logical
Input
PWM0~
PWM3
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
The definitions of PFD control signal and PFD output
frequency are listed in the following table.
Timer
Timer
Preload
Value
PA3 Data
Register
PA3 Pad
State
PFD
Frequency
OFF
X
0
0
X
OFF
X
1
U
X
ON
N
0
0
X
ON
N
1
PFD
fTMR/[2
´(M-N)]
Note:
²X² stands for unused
²U² stands for unknown
²M² is ²256² for PFD0 or ²65536² for PFD1
²N² is preload value for timer/event counter
²fTMR² is input clock frequency for timer/event
counter
V D D
M
U
X
M
U
X
P F D E N
( P A 3 )
W a k e - u p O p t i o n s
I N T 0 f o r P D 4 o n l y
I N T 1 f o r P D 5 o n l y
T M R 0 f o r P D 6 o n l y
T M R 1 f o r P D 7 o n l y
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
P A 0 / P A 1 / P A 3 / P D 0 / P D 1 / P D 2 / P D 3
D
Q
C K
S
D
Q
C K
Q
S
C o n t r o l B i t
P u l l - h i g h
O p t i o n
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P A 0 / B Z
P A 1 / B Z
P A 2
P A 3 / P F D
P A 4 ~ P A 7
P B 0 / A N 0 ~ P B 7 / A N 7
P D 0 / P W M 0
P D 1 / P W M 1
P D 2 / P W M 2
P D 3 / P W M 3
P D 4 / I N T 0
P D 5 / I N T 1
P D 6 / T M R 0
P D 7 / T M R 1
Q
B Z / B Z / P F D / P W M 0 / P W M 1 / P W M 2 / P W M 3
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com