Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
HT46R64/HT46C64
Rev. 1.80
25
February 14, 2006
LCD Display Memory
The device provides an area of embedded data memory
for LCD display. This area is located from 40H to 60H of
the RAM at Bank 1. Bank pointer (BP; located at 04H of
the RAM) is the switch between the RAM and the LCD
display memory. When the BP is set as
²1², any data
written into 40H~60H will effect the LCD display. When
the BP is cleared to
²0² or ²1², any data written into
40H~60H means to access the general purpose data
memory. The LCD display memory can be read and writ-
ten to only by indirect addressing mode using MP1.
When data is written into the display data area, it is auto-
matically read by the LCD driver which then generates
the corresponding LCD driving signals. To turn the dis-
play on or off, a
²1² or a ²0² is written to the correspond-
ing bit of the display memory, respectively. The figure
illustrates the mapping between the display memory
and LCD pattern for the device.
LCD Driver Output
The output number of the device LCD driver can be 33
´2
or 33
´3or32´4 by option (i.e., 1/2 duty, 1/3 duty or 1/4
duty). The bias type LCD driver can be
²R² type or ²C²
type. If the
²R² bias type is selected, no external capaci-
tor is required. If the
²C² bias type is selected, a capaci-
tor mounted between C1 and C2 pins is needed. The
LCD driver bias voltage can be 1/2 bias or 1/3 bias by
option. If 1/2 bias is selected, a capacitor mounted be-
tween V2 pin and ground is required. If 1/3 bias is se-
lected, two capacitors are needed for V1 and V2 pins.
Refer to application diagram.
4 0 H
C O M
0
1
2
3
S E G M E N T
4 1 H
4 2 H
4 3 H
5 E H 5 F H
6 0 H
B i t
0
1
2
3
0
1
2
3
3 0
3 1
3 2
Display Memory
C O M 0
C O M 1
C O M 2
C O M 3
L C D s e g m e n t s O N
C O M 2 s i d e l i g h t e d
V A
V B
V C
V S S
V S S
V S S
V S S
V S S
V A
V B
V C
V A
V B
V C
V A
V B
V C
V A
V B
V C
N o t e : 1 / 4 d u t y , 1 / 3 b i a s , C t y p e : " V A " 3 / 2 V L C D , " V B " V L C D , " V C " 1 / 2 V L C D
1 / 4 d u t y , 1 / 3 b i a s , R t y p e : " V A " V L C D , " V B " 2 / 3 V L C D , " V C " 1 / 3 V L C D
LCD Driver Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com