Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC613 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC613
Description  Low Noise Regulated Charge Pump with Selectable Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC613 Datasheet(HTML) 5 Page - Semtech Corporation

  SC613 Datasheet HTML 1Page - Semtech Corporation SC613 Datasheet HTML 2Page - Semtech Corporation SC613 Datasheet HTML 3Page - Semtech Corporation SC613 Datasheet HTML 4Page - Semtech Corporation SC613 Datasheet HTML 5Page - Semtech Corporation SC613 Datasheet HTML 6Page - Semtech Corporation SC613 Datasheet HTML 7Page - Semtech Corporation SC613 Datasheet HTML 8Page - Semtech Corporation SC613 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
 2005 Semtech Corp.
www.semtech.com
SC613
POWER MANAGEMENT
Block Diagram
Applications Information
Charge Pump Doubler Type
The SC613 uses a voltage doubler circuit which is implemented
with two switched or ‘bucket’ capactors. Most charge pump dou-
blers use only one bucket capacitor. Two bucket capacitors switch-
ing on alternate phases greatly reduce the output ripple voltage
and also reduce the size requirement for the output capacitor.
Over Voltage Protection
The output is prevented from exceeding 6.0V. This feature allows
the use of 6.3V ceramic capacitors.
Comparison with Other Regulation Methods
In many instances, a charge pump regulator is the best choice for
portable power applications. These regulators offer many advan-
tages over switch mode regulators. A smaller bill of materials,
less layout area, lower component height, less noise, no EMF, and
less overall circuit cost are typical reasons to use this type of
regulation. The efficiency of a charge pump regulator often ap-
proaches and in some cases exceeds the efficiency of a switch
mode regulator.
Inductors are often the largest and most expensive discrete com-
ponent in a design. There are no inductors used in the SC613, so
the inductor’s cost and layout area are eliminated. The noise and
EMF associated with the inductor are also eliminated.
The SC613’s fixed frequency harmonics are an advantage in por-
table communications equipment, such as cellular telephones.
The SC613 has distinct frequencies of operation, so the harmon-
ics are predictable. The harmonics are not fixed in a switch mode
regulator. Switch mode regulators have harmonics which vary
due to the pulse width modulation used to regulate the output.
Varying harmonics can be a problem because it may be more
EN
FSEL
VSEL
GND
VIN
6
5
4
8
3
MODE
SELECT
DRIVERS
SWITCH
BLOCK
TIMER
COMPARATORS
VIN
VOUT
VREF
VIN
CF1+
CF1-
CF2+
CF2-
VOUT
2
9
10
7
1
EN
OSC
650kHz or 262kHz
5.0V or 4.5V
4
5
difficult to ensure acceptable noise performance over the entire
operating range.
Many switch mode regulators have increased voltage ripple on
the output during pulse skipping mode due to the fact that there
are large periods of time when no current is supplied to the output.
The SC613 supplies current to the output continuously, so the
voltage ripple is less than a switch mode regulator, even with greatly
reduced output capacitance.
Frequency Selection
The FSEL input is for frequency selection. A logic High level at this
input will set the clock frequency to 650kHz, while a logic Low sets
the clock to 262kHz. Input from a uP or other device may be used
to change the charge pump frequency at any time. The optimal
frequency will depend upon the capacitor values, the load current,
and the exceptable amount of output ripple.
Ripple Performance
Examples of the output ripple per charge pump frequency and
output voltage are listed in the Ripple Performance table on page
5.
Efficiency
Efficiency for the SC613 is defined as,
=
where V
O = output voltage
I
O
= output current
V
IN = input voltage
I
Q = quiescent current [from Electrical Characteristics
on page 2].
η
V O I O
V IN 2I O
I Q
+
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com