Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC613 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC613
Description  Low Noise Regulated Charge Pump with Selectable Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC613 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC613 Datasheet HTML 2Page - Semtech Corporation SC613 Datasheet HTML 3Page - Semtech Corporation SC613 Datasheet HTML 4Page - Semtech Corporation SC613 Datasheet HTML 5Page - Semtech Corporation SC613 Datasheet HTML 6Page - Semtech Corporation SC613 Datasheet HTML 7Page - Semtech Corporation SC613 Datasheet HTML 8Page - Semtech Corporation SC613 Datasheet HTML 9Page - Semtech Corporation SC613 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
 2005 Semtech Corp.
www.semtech.com
SC613
POWER MANAGEMENT
Table 2 -Ripple Performance
T
A = 25°C, Cin=Cout=Cbucket = 1.0µF (ESR = 0.1)
V
T
U
O
.
q
e
r
F
]
z
H
k
[
e
l
p
p
i
R
t
u
p
u
O
]
p
-
p
V
m
[
d
n
a
A
m
0
0
1
t
a
V
5
.
5
o
t
V
2
.
3
=
n
i
V
V
0
.
5
2
6
25
2
0
5
65
1
V
5
.
4
2
6
25
2
0
5
65
1
Calculating Power Dissipation
The power dissipated by the SC613 is calculated as,
P IN P OUT
P D
P D
V IN 2 I O
I Q
+
(
)
V O I O
=
=
Short Circuit and Over Temperature Protection
The output is current limited to 600mA to protect against short
circuit conditions. Over temperature protection is also provided.
Design and Layout Considerations
The center pad “thermal slug” is not internally connected to ground,
but should be connected to ground in the layout through vias con-
necting to the ground plane. Pin 8 can be routed directly to the
center pad. A good ground plane connection is important to make
effective use of the low thermal resistance of the MLP package.
Short Circuit and Over Temperature Protection
The output is current limited to 600mA to protect against short
circuit conditions. Over temperature protection is also provided.
Design and Layout Considerations
The center pad “thermal slug” is not internally connected to ground,
but should be connected to ground in the layout through vias con-
necting to the ground plane. Pin 8 can be routed directly to the
center pad. A good ground plane connection is important to make
effective use of the low thermal resistance of the MLP package.
Applications Information (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com