Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC613 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC613
Description  Low Noise Regulated Charge Pump with Selectable Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC613 Datasheet(HTML) 3 Page - Semtech Corporation

  SC613 Datasheet HTML 1Page - Semtech Corporation SC613 Datasheet HTML 2Page - Semtech Corporation SC613 Datasheet HTML 3Page - Semtech Corporation SC613 Datasheet HTML 4Page - Semtech Corporation SC613 Datasheet HTML 5Page - Semtech Corporation SC613 Datasheet HTML 6Page - Semtech Corporation SC613 Datasheet HTML 7Page - Semtech Corporation SC613 Datasheet HTML 8Page - Semtech Corporation SC613 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
 2005 Semtech Corp.
www.semtech.com
SC613
POWER MANAGEMENT
Note:
(1) Peak to peak output ripple voltage with COUT=CBUCKET=1uF and X5R dielectric.
(2) Guaranteed by design.
(3) This device is ESD sensitive. Use of standard ESD handling precautions is required.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II
H
I
)
L
E
S
F
,
L
E
S
V
,
e
l
b
a
n
E
(
s
n
i
p
t
u
p
n
i
ll
A0
1A
µ
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II
L
I
)
L
E
S
F
,
L
E
S
V
,
e
l
b
a
n
E
(
s
n
i
p
t
u
p
n
i
ll
A0
1A
µ
o
t
y
r
e
tt
a
B
m
o
r
f
y
c
n
e
i
c
if
f
E
r
e
w
o
P
t
u
p
t
u
O
p
m
u
P
e
g
r
a
h
C
d
e
t
a
l
u
g
e
R
h
V
N
I
V
,
V
0
.
3
=
T
U
O
I
,
V
0
.
5
=
T
U
O
A
m
0
5
=
z
H
k
2
6
2
=
.
q
e
r
F
5
.
2
8%
V
N
I
V
,
V
0
.
3
=
T
U
O
I
,
V
0
.
5
=
T
U
O
A
m
0
5
=
z
H
k
0
5
6
=
.
q
e
r
F
5
.
1
8%
e
g
a
tl
o
V
e
l
p
p
i
R
t
u
p
t
u
OV
P
P
I
,
z
H
k
2
6
2
=
q
e
r
f
T
U
O
A
m
0
6
=
)
2
(
,
)
1
(
5
25
4V
m
Unless specified: T
A = -40°C to 85°C, Cin=Cbucket = 1.0µF (ESR = 0.1Ω), Cout=1.0uF (ESR = 0.1Ω), Vin= 3.2V to 5.5V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com