Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC613 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC613
Description  Low Noise Regulated Charge Pump with Selectable Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC613 Datasheet(HTML) 1 Page - Semtech Corporation

  SC613 Datasheet HTML 1Page - Semtech Corporation SC613 Datasheet HTML 2Page - Semtech Corporation SC613 Datasheet HTML 3Page - Semtech Corporation SC613 Datasheet HTML 4Page - Semtech Corporation SC613 Datasheet HTML 5Page - Semtech Corporation SC613 Datasheet HTML 6Page - Semtech Corporation SC613 Datasheet HTML 7Page - Semtech Corporation SC613 Datasheet HTML 8Page - Semtech Corporation SC613 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
www.semtech.com
POWER MANAGEMENT
SC613
Low Noise Regulated Charge
Pump with Selectable Output
February 8, 2005
Description
Features
Applications
Typical Application Circuit
The SC613 is a versatile charge pump designed for use in battery
operated power supply applications. The wide input range is
matched for Li-Ion battery applications. Only two 1uF ceramic
bucket capacitors are required, and the inductorless implementa-
tion provides a reduced-EMI solution. Low noise mode switching
circuitry and constant output current allow the use of 1uF input
and output capacitors.
The SC613 charge pump regulator can be used for applications
that require up to 140mA of output current with a 4.5V output.
The 5.0V output version provides up to 100mA of output current.
The small package size, low component count and lower overall
system cost coupled with its low noise make the SC613 a supe-
rior solution compared to switch mode regulator designs.
Small size - MLP Micro 10 lead 3x3mm package
Selectable 5.0V or 4.5V output voltage
140mA available with 4.5V output
100mA available with 5.0V output
Short circuit protection
Soft Start function
Shutdown current <2µA
Selectable fixed frequencies of 262kHz and 650kHz
Low ripple
Regulated to +/-5%
Ease of use
Cellular phones
LED photo flash for cellular phones
LED backlighting
PDA power supplies
Portable electronics
Electronic books
Wireless web appliances
Cin
1.0uF
2.7V to 6.5V
Cbucket1
1.0uF
Cbucket2
1.0uF
VIN
EN
VSEL
FSEL
GND
CF2-
CF2+
CF1-
CF1+
VOUT
3
6
4
5
8
7
10
9
2
1
U1
Cout
1.0uF
UP TO 10 LEDS
4.5V or 5.0V


Similar Part No. - SC613

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SC61 WILLOW-SC61 Datasheet
782Kb / 2P
Low On Resistance power FET Output
logo
SHENZHEN FUMAN ELECTRON...
SC6102K FUMAN-SC6102K Datasheet
136Kb / 1P
Rocker IC
logo
Silan Microelectronics ...
SC6105 SILAN-SC6105 Datasheet
386Kb / 8P
VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
SC6105B SILAN-SC6105B Datasheet
386Kb / 8P
VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
SC6121 SILAN-SC6121 Datasheet
137Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER
More results

Similar Description - SC613

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
logo
Unisonic Technologies
L5200 UTC-L5200 Datasheet
159Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
Unisonic Technologies
L5201 UTC-L5201 Datasheet
169Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Unisonic Technologies
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
Unisonic Technologies
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com