Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441ITSTRT Datasheet(PDF) 33 Page - Semtech Corporation

Part # SC2441ITSTRT
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441ITSTRT Datasheet(HTML) 33 Page - Semtech Corporation

Back Button SC2441ITSTRT Datasheet HTML 27Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 28Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 29Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 30Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 31Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 32Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 33Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 34Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 35Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
Typical waveforms in the evaluation circuit board
Full load start up
Channel 2: Vo=2.5V @ 1A
Load transient response
Loading: 0.1A to 0.9A to 0.1A at 2.5A/uS
Typical Characteristics (Cont.)
Shut down
Overload protection
Output shorted
Output short persists
Output short removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com