Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441ITSTRT Datasheet(PDF) 28 Page - Semtech Corporation

Part # SC2441ITSTRT
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441ITSTRT Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SC2441ITSTRT Datasheet HTML 24Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 25Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 26Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 27Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 28Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 29Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 30Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 31Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
28
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
Application Information
Figure 19. Two independent buck converters with auxiliary boost
Figure 20. Dual-phase single output buck (current sharing) with single boost
VO1GND
C26
L1
R11
R16
R19
C31
C28
Vin: 3.3V
VO2GND
R20
R17
R9
+
C8
VO2: 2.5V/1A
+
C7
D5
D6
C20
RCS-1
R30
L3
RCS+1
R5
RCS-2
C21
RCS+2
R6
J1
= Vo 3 : 5V /0.5A
1
2
3
4
D2
Q1
C40
C29
R12
R14
Q2
C11
R15
Q5
Q6
R33
C35
R8
+
C12
R4
C3
C2
VO1: 1.2V/4A
+
C4
+
C1
C32
C27
D7
C30
R18
U1
SC2441
PH3
27
PGND
24
GDH2
19
BST2
18
FB1
11
VPN1
26
SYNC
6
CS1+
4
PVIN
28
COMP1
12
SS1/EN1
3
CS1-
5
SS2/EN2
17
COMP2
13
FB2
14
COMP3
8
CS2-
15
CS2+
16
VPN2
2
FB3
7
BST1
25
GDH1
23
GDL1
22
GDL2
20
VCC
21
Rosc
10
GND
9
IN
1
+
C5
+
C38
C33
C6
C34
C39
C19
+
C14
+
C13
C24
C22
R10
C17
VinGND
C25
+
C10
R13
+
C9
R7
D1
L2
C18
C23
R3
VO1GND
L1
C26
R11
R16
R19
C31
C28
Vin: 3.3V
VO1GND
R20
+
C8
VO1
+
C7
D5
D6
C20
RCS -1
L3
RCS +1
R5
RCS -2
C21
RCS +2
R6
J1
= Vo3: 5V/0.5A
1
2
3
4
D2
Q1
C40
C29
R12
R14
Q2
C11
Q4
R15
Q5
Q6
Q8
R33
C35
R8
+
C12
R4
C3
C2
VO1: 1.2V/20A
+
C4
+
C1
C32
D7
U1
SC2441
PH3
27
PGN D
24
GDH2
19
BST2
18
FB1
11
VPN1
26
SYN C
6
CS1+
4
PVIN
28
COMP1
12
SS1 /E N1
3
CS1-
5
SS2 /E N2
17
COMP2
13
FB2
14
COMP3
8
CS2-
15
CS2+
16
VPN2
2
FB3
7
BST1
25
GDH1
23
GD L1
22
GD L2
20
VC C
21
Rosc
10
GN D
9
IN
1
+
C5
+
C38
C33
C6
C34
C39
C19
+
C14
+
C13
C24
C22
R10
VinGND
C17
C25
+
C10
R13
+
C9
R7
D1
C18
L2
C23
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com