Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441ITSTRT Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2441ITSTRT
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441ITSTRT Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2441ITSTRT Datasheet HTML 17Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 18Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 19Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 20Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 21Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 22Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 23Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 24Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
Setting the Current Limit
When the voltage difference between CS1+(CS2+) and
CS1- (CS2-) exceeds 50 mV, the top MOSFET will be
turned OFF and the bottom MOSFET will be turned ON to
limit the output inductor current. In the circuit of Figure
12, the converter output current limit is
.
R
mV
50
I
eq
LMcp =
In the application circuit, R
eq = 9.56mΩ so ILM = 5.23A. In
other applications, different current limits may be required.
The circuit in Figure 14 allows the user to set current-limit
different from 50mV/R
eq.
Q1
Q2
Cin
Cout
RL
Rload
Rs
Vin
Vo
Cs
vC(t)
L
iL(t)
Q3
Q4
Vgs2
Vgs1
VPN
Vbe4
Vbe3
PN
-
+
ISEN
1
2
Rs3
Rs 2
Rs 1
Figure 14. Circuit for setting current-limit different
from 50mV/R
eq
a) The required current limit I
LM is higher than ILMcp. Rs3 is
deleted from Figure 14. R
s2 is given by
,
R
L
C
R
eq
s
2
s
=
R
s is obtained from
,
mV
50
R
R
R
I
s
2
s
eq
LM
=
R
s1 is then computed from
.
R
R
R
R
R
2
s
s
s
2
s
1
s
=
If the current limit is to be set to I
LM=15A in the example
given in last section with C
s=33nF, then Rs2=4.12kΩ,
R
s=11.8kΩ and Rs1=6.36kΩ.
b) The required current limit I
LM is less than ILMcp. Rs1 is
deleted from Figure 14. R
s is given by
,
R
L
C
R
eq
s
s
=
R
s3 is obtained from
,
mV
50
V
R
R
R
I
O
3
s
s
eq
LM
=
+
Lastly R
s2 is computed from
.
R
R
R
R
R
s
3
s
s
3
s
2
s
=
If the current limit is to be set to I
LM=2.5A with Vo=1.2V
and C
s=33nF in the same example, then Rs=4.12 kΩ,
R
s3=190 kΩ and Rs2=4.21 kΩ.
Remark 3: If the current limit I
LM is lower than ILMcp, the
circuit designer will have the option to use MOSFET’s with
higher R
ds(ON) to reduce the cost. As a result, Req is increased
and I
LMcp is reduced. Although the use of low-cost MOSFET’s
is always preferred, the current-limit setting technique
described above allows quick adjustment on a well-tested
prototype without the need to replace the power MOSFET’s.
Over Current Protection and Hiccup Mode
During start-up, the capacitor from the SS/EN pin to ground
functions as a soft-start capacitor. After the converter starts
and enters regulation, the same capacitor operates as
overload shutoff timing capacitor. As the load current
increases, the cycle-by-cycle current-limit comparator will
first limit the inductor current. Further increase in loading
will cause the output voltage (hence the feedback voltage)
to fall. If the feedback voltage falls to less than 70% of the
normal, the controller will shut off both the top and the
bottom MOSFET’s. Meanwhile an internal current source
(1.4µA) discharges the soft start capacitor C
32(C33)
connected to the SS/EN pin.
When the capacitor is discharged to 0.47V, a 2.3µA
current source recharges the SS/EN capacitor and the
controller re-initiates soft-start. If the overload persists,
the controller will shut down the converter as the soft
start capacitor voltage exceeds 3.25V. The converter will
repeatedly start and shut off until it is no longer
overloaded. This hiccup mode of overload protection is a
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com