Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2441ITSTRT Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC2441ITSTRT
Description  Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441ITSTRT Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC2441ITSTRT Datasheet HTML 21Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 22Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 23Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 24Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 25Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 26Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 27Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 28Page - Semtech Corporation SC2441ITSTRT Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
25
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441
Given the input voltage V
in, the output voltage Vo3 and
the load current I
o3, the following circuit parameters are
to be determined.
Inductor Selection
For a specified inductor current ripple (peak-to-peak)
δ
3,
the inductor value is
.
V
V
)
V
V
1
(
I
f
V
L
3
o
in
3
o
in
3
o
3
3
s
in
3
−
δ
=
If V
in = 3.3V, Vo3 = 5V and Io3 = 1A withδ
3 = 0.3 and fs3 =
1MHz, then, L
3 = 2.5µH.
For operation above 1MHz, Ferrite core material should
be used for lower core losses and better circuit efficiency.
The peak inductor current is
(1+0.5*
δ
3)Io3.
The saturation current rating of the selected inductor
should be at least 1.2~1.5 times of the calculated peak
current value. In the example above, the peak inductor
current is 1.74A.
Capacitor Selection
Input capacitor::::: The input capacitance should be large
such that the input transients due to both the step-up
and the step-down converters do not trip the UVLO
threshold 1.59V. Since the SC2441 controls a 2-phase
low input voltage step-down converter, the input
capacitance is sized to handle the input ripple current of
the buck converter. This is usually sufficient for the auxiliary
boost converter because the input current in a boost
converter is continuous. A small (< 1uF) ceramic bypass
capacitor can be soldered close to the PVIN pin for high
frequency filtering.
Output capacitor: Unlike buck converter, pulse current is
delivered to the output of a boost converter. To reduce the
output ripple voltage, low ESR capacitors should be used.
The output capacitor should also be able handle the output
ripple current. The SC2441 is designed to use multi-layer
ceramic capacitor as the sole output capacitor.
Maximum Output Current
Figure 4 shows that the boost switch current is sensed
with an internal sense resistor Rs. With a current limit
threshold voltage of 14mV, the maximum output current
is
.
)
2
1
(
R
mV
14
)
D
1
(
I
3
s
3
max
,
3
o
δ
+
−
=
The boost switch current limit is internally set at 1.7A.
Voltage Feedback
With the internal reference voltage V
ref3=1.25V, the voltage
feedback gain is
.
25
.
0
5
25
.
1
V
V
h
3
o
3
ref
3
=
=
=
The values of the feedback resistors can be determined
from the equation in “Setting the Output Voltage” section.
Loop Compensation
A simple small signal model for current-mode boost
converter in continuous-conduction mode is shown in
Figure 17.
Figure 17. Small signal model of Boost converter.
Applications Information (Cont.)


−
−
−
3
O
2
3
3
3
R
)
D
I
(
SL
I
)
D
I
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com