Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF02 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCF02_07 Datasheet HTML 4Page - STMicroelectronics STCF02_07 Datasheet HTML 5Page - STMicroelectronics STCF02_07 Datasheet HTML 6Page - STMicroelectronics STCF02_07 Datasheet HTML 7Page - STMicroelectronics STCF02_07 Datasheet HTML 8Page - STMicroelectronics STCF02_07 Datasheet HTML 9Page - STMicroelectronics STCF02_07 Datasheet HTML 10Page - STMicroelectronics STCF02_07 Datasheet HTML 11Page - STMicroelectronics STCF02_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Characteristics
STCF02
8/19
Table 6.
Truth table selection mode
EN1
EN2
EN3
ILED
ILED_MAX (mA)
Mode
NTC
0
0
X
0
0
Shutdown
OFF
1
0
1
0
0
Shutdown
ON
01
X
ITORCH=160mV/
(RTORCH+RFLASH)
250
Torch
ON
11
1
10
0
IMFLASH = f (IFLASH,RMFLASH)
500
Medium Flash
ON
11
0
IFLASH = 160mV/RFLASH
600
Flash
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com