Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF02 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCF02_07 Datasheet HTML 7Page - STMicroelectronics STCF02_07 Datasheet HTML 8Page - STMicroelectronics STCF02_07 Datasheet HTML 9Page - STMicroelectronics STCF02_07 Datasheet HTML 10Page - STMicroelectronics STCF02_07 Datasheet HTML 11Page - STMicroelectronics STCF02_07 Datasheet HTML 12Page - STMicroelectronics STCF02_07 Datasheet HTML 13Page - STMicroelectronics STCF02_07 Datasheet HTML 14Page - STMicroelectronics STCF02_07 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STCF02
Detailed operating description
11/19
6
Detailed operating description
6.1
Introduction
The STCF02 is a buck-boost converter, dedicated to power and control the current of a Power White Led
in a camera cell Phone. The device operates at a constant switching frequency of 1.8MHz typ. It provides
an output voltage down to 2.5V and up to 5.1 V, from a single cell 2.7 V to 5.5 V lithium-ion battery. The
flash current is adjustable from 100mA to 600mA for the input voltage range from 2.7V to 4.5V. Torch
current is adjustable from 25mA to 250mA. The device also includes a medium flash mode with the
current set between the 25% of flash current and flash current. The device contains a pin for connection
of NTC which senses the temperature of the LED.
6.2
Buck-Boost converter
Regulation of the PWM controller is made by sensing the current of the led through the RFLASH resistor
(see
Figure 2). Depending on the forward voltage of the Flash LED, the device can automatically change
the operation mode between buck (step down) and boost (step up) mode. Three case can occur:
Boost region (VO > VBAT): this configuration is used in most cases, as the output voltage (VO = VfLED +
ILED x RFLASH) is higher than VBAT; Buck region (VO < VBAT); Buck / Boost region (VO ~ VI).
6.3
Flash mode
To select Flash mode the Enable pins have to be connected as follows: EN1=1, EN2=1, EN3=0.
The STCF02 operates continuously to supply maximum current to the flash LED (up to 600 mA).
The flash current can be adjusted by the RFLASH resistor. The control loop uses the FB2 pin to sense the
voltage across RFLASH. The flash current is then programmed at:
IFLASH= 160mV / RFLASH.
For a flash current programmed at 600mA, the sensing resistor is equal to 0.27
Ω.
During this operation mode the MOS Switch between FB1 and RTBY pins is closed.
If the EN3 is forced to High during Flash mode operation, the current is reduced to that of Torch mode.
Such reduction of input power during transition from Flash to Torch mode is achieved within less than
30µs. The NTC divider for measuring LED temperature is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com