Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Datasheet(HTML) 1 Page - STMicroelectronics

  STCF02_07 Datasheet HTML 1Page - STMicroelectronics STCF02_07 Datasheet HTML 2Page - STMicroelectronics STCF02_07 Datasheet HTML 3Page - STMicroelectronics STCF02_07 Datasheet HTML 4Page - STMicroelectronics STCF02_07 Datasheet HTML 5Page - STMicroelectronics STCF02_07 Datasheet HTML 6Page - STMicroelectronics STCF02_07 Datasheet HTML 7Page - STMicroelectronics STCF02_07 Datasheet HTML 8Page - STMicroelectronics STCF02_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2007
Rev. 6
1/19
19
STCF02
High power white led driver
General features
■ Buck-boost DC/DC Converter
■ Drives one power white led:
up to 600mA between 2.7 to 4.5V
■ Led temperature protection
■ Output current control
■ 1.8 MHz (typ) fixed frequency PWM
■ Synchronous rectification
■ High efficiency across the total input voltage
range
■ Operational modes:
- Shutdown mode
- Shutdown mode with NTC
- Flash mode up to 600 mA
- Medium flash mode
- Torch mode: up to 250 mA
■ Adjustable current in all three modes
■ LED disconnected from the battery in
shutdown mode
■ Programmable safety shutdown in flash mode
■ LED short and open circuit protection
■ Overvoltage protection
■ < 1µA Shutdown current
■ QFN20 4mm x 4 mm package
Applications
■ Cell phone and smart phones
■ Camera flashes/strobes
■ PDAS and digital still cameras
Description
The STCF02 is a high efficiency power supply
solution to drive a single flash LED in camera
phone, PDAs and other hand-held devices. It is a
buck-boost converter that guarantees a proper
LED current control over the battery voltage
(particularly in the case, when the output voltage
is lower than the input voltage); the output current
control ensures a good current regulation over the
forward voltage spread characteristics of the
Flash LED.
Three logic input signals can select 5 modes of
operation: Shutdown mode (quiescent current
less than 1µA typ), Shutdown mode with NTC
active, Torch mode (drives the LED up to 250mA),
Flash mode (up to 600mA), and Medium flash
mode (reduces the flash current).
This highly efficient converter is able to accept
input current from the battery (lower than 1.5A),
while limiting the peak inductor current to 2.3A
(typ). Other features include Soft start control,
thermal shutdown, short circuit protection,
overvoltage protection, and LED temperature
protection. An alternative to LED temperature
protection is that a safety flash time-out feature
can be implemented instead. This device is
available in a QFN20, 4mm x 4mm, no-lead
package (height is less than 1mm).
www.st.com
QFN20 (4mm x 4mm)
Order code
Part number
Package
Packaging
STCF02PNR
QFN20 (4x4 mm)
4500 parts per reel


Similar Part No. - STCF02_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF02PMR STMICROELECTRONICS-STCF02PMR Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
More results

Similar Description - STCF02_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
PAM2801 PAM-PAM2801 Datasheet
270Kb / 9P
1W High Power White LED Driver
PAM2803 PAM-PAM2803 Datasheet
211Kb / 8P
3W High Power White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
3W HIGH POWER WHITE LED DRIVER
logo
Diodes Incorporated
PAM2800 DIODES-PAM2800 Datasheet
201Kb / 7P
HIGH POWER WHITE LED DRIVER
Rev 1
PAM2803 DIODES-PAM2803 Datasheet
392Kb / 9P
3W HIGH POWER WHITE LED DRIVER
Rev 2
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
HIGH POWER WHITE LED DRIVER
December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com