Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF02 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Datasheet(HTML) 3 Page - STMicroelectronics

  STCF02_07 Datasheet HTML 1Page - STMicroelectronics STCF02_07 Datasheet HTML 2Page - STMicroelectronics STCF02_07 Datasheet HTML 3Page - STMicroelectronics STCF02_07 Datasheet HTML 4Page - STMicroelectronics STCF02_07 Datasheet HTML 5Page - STMicroelectronics STCF02_07 Datasheet HTML 6Page - STMicroelectronics STCF02_07 Datasheet HTML 7Page - STMicroelectronics STCF02_07 Datasheet HTML 8Page - STMicroelectronics STCF02_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STCF02
Application
3/19
1
Application
Table 1.
External components
Note:
- The external components proposal should be considered as a design reference guide. The
performances mentioned in the electrical characteristics table are not guaranteed for all the
possible electrical parameters of the components included in this list. On the other hand the
operation of STCF02 is not limited with the use of the external components listed above.
- The CCOMP is optional and may be used if the error amplifier bandwidth (which by default is
set to 2 KHz) has to be decreased because of an unstable driver function. Unstable operation
could be caused by using different values of inductor and output capacitor then recommended.
Figure 1.
Application circuit
Symbol
Parameter
Min.
Typ.
Max.
Unit
RFLASH
Sensing flash current resistor - thick film type (0805)
0.27
RTORCH
Sensing torch current resistor - thick film type (0603)
6.2
RMF
Setting resistor for middle flash mode - thick film type (0402)
8200
CI
Two Input filtering capacitor TDK C1608X5R0J106MT - Ceramic
type (0603) 6.3V
10
2x10
µF
CO
Output capacitance - Ceramic type 0603 6.3V
4.7
µF
L
TDKVLF5014A-4R7
INDUCTANCE
4.7
µH
DCR
0.12
NTC
Negative thermistor - NCP18WF104J03RB - Thick film type
100
k
CCOMP
Compensation capacitor - 0402
100
820
pF
RX
Reference resistor - 0402
15
k
C1
Ceramic Capacitor
47
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com