Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS682ES Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS682ES
Description  INVERTING VOLTAGE DOUBLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS682ES Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS682ES Datasheet HTML 1Page - Advanced Monolithic Systems AMS682ES Datasheet HTML 2Page - Advanced Monolithic Systems AMS682ES Datasheet HTML 3Page - Advanced Monolithic Systems AMS682ES Datasheet HTML 4Page - Advanced Monolithic Systems AMS682ES Datasheet HTML 5Page - Advanced Monolithic Systems AMS682ES Datasheet HTML 6Page - Advanced Monolithic Systems AMS682ES Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS682
Monolithic
INVERTING VOLTAGE DOUBLER
Systems
RoHS compliant
FEATURES
APPLICATIONS
• 99.9% Voltage Conversion Efficiency
• Portable Handheld Instrumentation
• 92% Power Conversion Efficiency
• Cellular Phones
• Wide Input Voltage Range +2.4V to 5.5V
• Panel Meters
• 185µA Supply Current
• -10V from +5V logic Supply
• Available in SO-8 and PDIP Packages
• -6V from a Single 3V Lithium Cell
• Only 3 external Capacitors Required
• LCD Display Bias Generator
• Operational Amplifiers Power Supplies
GENERAL DESCRIPTION
The AMS682 is a CMOS charge pump converter that provides an inverted doubled output from a single positive supply.
Requiring only three external capacitors for full circuit implementation the device has an on -board 12kHz (typical) oscillator
which provides the clock.
Low output source impedance (typically 140
Ω), provides output current up to 10mA. The AMS682 features low quiescent
current and high efficiency, making it the ideal choice for a wide variety of applications that require a negative voltage derived
from a single positive supply. The compact size and minimum external parts count of the AMS682 makes it useful in many
medium current, dual voltage analog power supplies.
The AMS682E is operational in the full industrial temperature range of -40
°C to 85°C while AMS682C is operating over a
0
°C to 70°C temperature range. The AMS682E/AMS682C are available in surface mount 8-Pin SOIC (SO-8) and 8-Pin Plastic
DIP (PDIP) packages.
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING
8 LEAD SOIC
8 LEAD PDIP
TEMPERATURE RANGE
AMS682ES
AMS682EP
-40 to 85
° C
AMS682CS
AMS682CP
0 to 70
° C
TYPICAL OPERATING CIRCUIT
PIN CONFIGURATIONS
V
IN
V
OUT
GND
All Caps = 3.3
µF
V
OUT = -(2 X VIN)
+2.4V < V
IN < +5.5V
C
2
C
1
C
OUT
+
+
-
-
+
V
IN
V
OUT
GND
C
1
+
C
2
+
C
1
-
C
2
-
ON/OFF
8-LEAD DIP/ 8-LEAD SOIC
AMS682
1
4
3
2
8
7
6
5
ON/OFF
C+
1
V
IN
GND
V
OUT
C-
2
C+
2
C-
2


Similar Part No. - AMS682ES

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS682ES ADMOS-AMS682ES Datasheet
62Kb / 7P
INVERTING VOLTAGE DOUBLER
More results

Similar Description - AMS682ES

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC682 TELCOM-TC682 Datasheet
80Kb / 6P
INVERTING VOLTAGE DOUBLER
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
92Kb / 8P
Ultra-Low Power Inverting Voltage Doubler
logo
Analog Devices
ADP3610 AD-ADP3610 Datasheet
200Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV.A
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682 Datasheet
62Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
TC682 MICROCHIP-TC682 Datasheet
546Kb / 14P
Inverting Voltage Doubler
2006
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
TC682 MICROCHIP-TC682_13 Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
logo
Analog Devices
ADP3610 AD-ADP3610_15 Datasheet
203Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV. A
logo
Semtech Corporation
SDHD5K SEMTECH-SDHD5K Datasheet
41Kb / 2P
HIGH DENSITY , HIGH VOLTAGE 5KV DOUBLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com