Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2516 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2516
Description  Complete Three-in-One DDR Power Solution With BF_CUT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2516 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2516 Datasheet HTML 1Page - Semtech Corporation SC2516 Datasheet HTML 2Page - Semtech Corporation SC2516 Datasheet HTML 3Page - Semtech Corporation SC2516 Datasheet HTML 4Page - Semtech Corporation SC2516 Datasheet HTML 5Page - Semtech Corporation SC2516 Datasheet HTML 6Page - Semtech Corporation SC2516 Datasheet HTML 7Page - Semtech Corporation SC2516 Datasheet HTML 8Page - Semtech Corporation SC2516 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2516
Electrical Characteristics (Cont.)
Unless specified: T
A = 25
oC,5VSBY = 5V.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
r
e
h
c
t
i
w
S
H
C
M
G
e
c
n
e
r
e
f
e
R
k
c
a
b
d
e
e
F
H
C
M
GV
H
C
M
G
_
F
E
R
8
3
2
.
15
2
.
13
6
2
.
1V
t
n
e
r
r
u
c
k
c
a
b
d
e
e
F
H
C
M
GI
H
C
M
G
_
B
F
V
H
C
M
G
_
B
F
V
5
2
.
1
=2
-A
u
n
o
i
t
a
l
u
g
e
R
d
a
o
LI
H
C
M
G
A
5
o
t
A
0
=2
.
0%
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
Of
C
S
O
5
2
20
5
25
7
2z
H
K
t
n
e
r
r
u
c
t
r
a
t
s
t
f
o
SI
H
C
M
G
_
S
S
V
S
S
V
m
0
0
2
=8
0
12
1A
u
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
5
70
8%
e
m
i
T
e
s
i
R
e
t
a
G
p
o
TG
T
R
F
p
0
0
0
2
=
e
c
n
a
t
i
c
a
p
a
c
e
t
a
G0
4S
n
e
m
i
T
ll
a
F
e
t
a
G
p
o
TG
T
F
F
p
0
0
0
2
=
e
c
n
a
t
i
c
a
p
a
c
e
t
a
G0
4S
n
e
m
i
T
e
s
i
R
e
t
a
G
m
o
t
t
o
BG
B
R
F
p
0
0
0
2
=
e
c
n
a
t
i
c
a
p
a
c
e
t
a
G0
4S
n
e
m
i
T
ll
a
F
e
t
a
G
m
o
t
t
o
BG
B
F
F
p
0
0
0
2
=
e
c
n
a
t
i
c
a
p
a
c
e
t
a
G0
4S
n
e
m
i
T
d
a
e
Dt
d
0
55
80
2
1S
n
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
i
f
il
p
m
A
r
o
r
r
EG
m
8
.
01
2
.
1S
m
C
D
@
n
i
a
G
r
e
i
f
il
p
m
A
r
o
r
r
EA
A
E
8
3B
d
h
t
d
i
w
d
n
a
B
r
e
i
f
il
p
m
A
r
o
r
r
EG
W
B
1z
H
M
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
r
e
i
f
il
p
m
A
r
o
r
r
EV
H
C
M
G
_
B
F
V
1
=
P
M
O
C
,
V
5
.
1
-
0
=0
65
70
9A
u
p
m
a
R
l
a
n
r
e
t
n
IV
P
M
A
R
k
a
e
P
-
o
t
-
k
a
e
P5
5
.
0V
Pin Configuration
Ordering Information
Note: Pin 23 is the thermal Pad on the bottom of the device
s
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
R
T
L
M
6
1
5
2
C
S
)
1
(
2
2
-
P
L
M
T
R
T
L
M
6
1
5
2
C
S
)
2
(
,
)
1
(
2
2
-
P
L
M
Notes:
(1) Only available in tape and reel packaging.
A reel contains 3000 devices.
(2) Lead free package. Device is fully WEEE and RoHS
compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com