Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2516 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2516
Description  Complete Three-in-One DDR Power Solution With BF_CUT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2516 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2516 Datasheet HTML 1Page - Semtech Corporation SC2516 Datasheet HTML 2Page - Semtech Corporation SC2516 Datasheet HTML 3Page - Semtech Corporation SC2516 Datasheet HTML 4Page - Semtech Corporation SC2516 Datasheet HTML 5Page - Semtech Corporation SC2516 Datasheet HTML 6Page - Semtech Corporation SC2516 Datasheet HTML 7Page - Semtech Corporation SC2516 Datasheet HTML 8Page - Semtech Corporation SC2516 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2516
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1P
M
O
C
.
r
e
h
c
ti
w
S
Q
D
D
V
e
h
t
r
o
f
r
e
if
il
p
m
a
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
t
M
W
P
e
h
t
r
o
f
n
i
p
n
o
it
a
s
n
e
p
m
o
C
2Q
D
D
V
B
F
.
d
a
o
l
f
o
t
n
i
o
p
e
h
t
t
a
e
s
n
e
s
Q
D
D
V
e
h
t
o
t
t
c
e
n
n
o
C
.
r
o
t
a
l
u
g
e
r
Q
D
D
V
e
h
t
r
o
f
k
c
a
b
d
e
e
F
3N
E
/
S
S.
r
e
ll
o
r
t
n
o
c
e
l
b
a
s
i
d
o
t
w
o
l
ll
u
P
.
D
N
G
o
t
r
o
ti
c
a
p
a
c
t
r
a
t
s
t
f
o
S
4D
N
G
T
T
VT
T
V
n
i
p
s
i
h
t
o
t
g
n
it
c
e
n
n
o
c
e
c
a
r
t
e
h
T
.
t
n
e
r
r
u
c
n
r
u
t
e
r
T
T
V
g
n
i
y
r
r
a
c
e
n
a
l
p
r
e
p
p
o
c
o
t
t
c
e
n
n
o
C
.
n
r
u
t
e
r
.
s
p
m
A
2
y
r
r
a
c
o
t
e
l
b
a
e
b
t
s
u
m
5T
T
V
g
n
it
c
e
n
n
o
c
e
c
a
r
t
e
h
T
.
s
p
m
A
8
.
1
s
k
n
i
s
r
o
s
e
c
r
u
o
S
.
Q
D
D
V
2
/
1
o
t
s
e
t
a
l
u
g
e
R
.
t
u
p
t
u
o
r
o
t
a
l
u
g
e
R
T
T
V
.
s
p
m
A
2
y
r
r
a
c
o
t
e
l
b
a
e
b
t
s
u
m
n
i
p
s
i
h
t
o
t
6Q
D
D
VT
T
V
o
t
t
u
p
n
i
r
e
w
o
p
Q
D
D
V
.
s
p
m
A
2
y
r
r
a
c
o
t
e
l
b
a
e
b
t
s
u
m
n
i
p
s
i
h
t
o
t
g
n
it
c
e
n
n
o
c
e
c
a
r
t
e
h
T
.
O
D
L
7D
N
G
A
.
d
n
u
o
r
g
s
i
h
t
o
t
t
c
e
n
n
o
c
r
o
ti
c
a
p
a
C
t
r
a
t
S
t
f
o
S
e
h
t
d
n
a
s
t
n
e
n
o
p
m
o
c
n
o
it
a
s
n
e
p
m
o
C
.
d
n
u
o
r
g
g
o
l
a
n
A
8B
F
T
T
V
.l
i
a
r
T
T
V
e
h
t
r
o
f
d
a
o
L
f
o
t
n
i
o
P
o
t
t
c
e
n
n
o
C
.
r
o
t
a
l
u
g
e
r
T
T
V
e
h
t
r
o
f
t
u
p
n
i
e
s
n
e
S
9S
N
S
F
E
R
f
o
t
n
i
o
P
o
t
t
c
e
n
n
o
C
.
e
g
a
tl
o
v
s
ti
f
o
2
/
1
o
t
d
e
t
a
l
u
g
e
r
e
b
ll
i
w
T
T
V
.l
i
a
r
Q
D
D
V
e
h
t
r
o
f
t
u
p
n
i
e
s
n
e
S
.
d
e
t
a
r
e
n
e
g
s
i
y
r
o
m
e
m
e
h
t
r
o
f
F
E
R
V
e
h
t
e
r
e
h
w
,
d
a
o
L
0
1H
C
M
G
_
B
F
.l
i
a
r
H
C
M
G
e
h
t
r
o
f
d
a
o
L
f
o
t
n
i
o
P
o
t
t
c
e
n
n
o
C
.
H
C
M
G
e
h
t
r
o
f
t
u
p
n
i
e
s
n
e
S
1
1H
C
M
G
_
S
S
.
D
N
G
o
t
r
o
ti
c
a
p
a
c
a
t
c
e
n
n
o
C
.
r
e
h
c
ti
w
s
H
C
M
G
r
o
f
t
r
a
t
s
t
f
o
S
2
1K
O
P.
r
e
w
o
p
X
T
A
m
o
r
f
l
a
n
g
i
s
K
O
r
e
w
o
p
o
t
t
c
e
n
n
o
C
3
1H
C
M
G
_
D
N
G
.
T
E
F
m
o
t
t
o
b
f
o
e
c
r
u
o
S
o
t
t
c
e
n
n
o
C
.
r
o
t
a
l
u
g
e
r
H
C
M
G
e
h
t
r
o
f
d
n
u
o
r
G
n
r
u
t
e
r
e
v
i
r
D
e
t
a
G
4
1H
C
M
G
_
G
B.
r
o
t
a
l
u
g
e
r
H
C
M
G
e
h
t
r
o
f
e
v
i
r
d
e
t
a
G
T
E
F
m
o
t
t
o
B
5
1H
C
M
G
_
G
T.
r
o
t
a
l
u
g
e
r
H
C
M
G
e
h
t
r
o
f
e
v
i
r
d
e
t
a
G
T
E
F
p
o
T
6
1T
U
C
_
F
B.
p
i
h
C
e
u
l
G
m
o
r
f
t
u
p
n
i
T
U
C
_
F
B
d
e
h
c
t
a
L
7
1H
C
M
G
_
P
M
O
C
r
e
h
c
ti
w
S
H
C
M
G
e
h
t
r
o
f
r
e
if
il
p
m
a
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
t
M
W
P
e
h
t
r
o
f
n
i
p
n
o
it
a
s
n
e
p
m
o
C
8
1Y
B
S
V
5.
t
u
p
n
i
Y
B
T
S
V
5
o
t
t
c
e
n
n
o
C
9
1T
S
B
l
a
n
o
it
i
d
d
a
n
A
.
r
o
ti
c
a
p
a
c
/
e
d
o
i
d
p
a
r
t
s
t
o
o
b
g
n
i
s
u
d
e
t
a
r
e
n
e
G
.
s
u
b
e
v
i
r
d
e
t
a
G
m
o
t
t
o
B
d
n
a
p
o
T
e
h
T
l
a
c
i
p
y
t
e
e
s
(
.
e
v
i
r
d
G
B
e
h
t
r
o
f
e
g
a
tl
o
v
p
a
r
t
s
t
o
o
B
k
a
e
p
e
h
t
p
a
r
t
o
t
d
e
r
i
u
q
e
r
o
s
l
a
s
i
e
d
o
i
d
)
ti
u
c
r
i
c
n
o
it
a
c
il
p
p
a
0
2G
T.
e
v
i
r
d
e
t
a
g
T
E
F
p
o
T
1
2G
B.
e
v
i
r
d
e
t
a
g
T
E
F
m
o
t
t
o
B
2
2D
N
G
P.
e
c
r
u
o
s
T
E
F
m
o
t
t
o
b
o
t
e
s
o
l
c
n
i
p
s
i
h
t
p
e
e
K
.
n
r
u
t
e
r
e
v
i
r
d
e
t
a
G
3
2D
A
P
_
H
T
r
e
d
n
u
e
n
a
l
p
d
n
u
o
r
g
o
t
d
e
t
c
e
n
n
o
c
e
b
t
s
u
m
t
I
.
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
e
s
u
p
i
h
c
f
o
m
o
t
t
o
b
n
o
d
a
p
r
e
p
p
o
C
.
C
I
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com