Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2516 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2516
Description  Complete Three-in-One DDR Power Solution With BF_CUT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2516 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2516 Datasheet HTML 1Page - Semtech Corporation SC2516 Datasheet HTML 2Page - Semtech Corporation SC2516 Datasheet HTML 3Page - Semtech Corporation SC2516 Datasheet HTML 4Page - Semtech Corporation SC2516 Datasheet HTML 5Page - Semtech Corporation SC2516 Datasheet HTML 6Page - Semtech Corporation SC2516 Datasheet HTML 7Page - Semtech Corporation SC2516 Datasheet HTML 8Page - Semtech Corporation SC2516 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2516
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
r
e
h
c
t
i
w
S
n
o
i
t
a
l
u
g
e
R
d
a
o
LI
Q
D
D
V
A
0
1
o
t
A
0
=2
.
0%
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
Of
C
S
O
5
2
20
5
25
7
2z
H
K
t
n
e
r
r
u
C
t
r
a
t
S
t
f
o
SI
S
S
V
S
S
V
m
0
0
8
=0
25
20
3A
u
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
5
70
8%
e
g
a
t
l
o
V
p
i
r
T
t
n
e
r
r
u
c
r
e
v
OV
P
I
R
T
t
n
i
o
p
t
e
S
Q
D
D
V
f
o
%0
75
70
8%
e
m
i
T
e
s
i
R
e
t
a
G
p
o
TG
T
R
F
p
0
0
0
4
=
e
c
n
a
t
i
c
a
p
a
c
e
t
a
G5
2S
n
e
m
i
T
ll
a
F
e
t
a
G
p
o
TG
T
F
F
p
0
0
0
4
=
e
c
n
a
t
i
c
a
p
a
c
e
t
a
G5
2S
n
e
m
i
T
e
s
i
R
e
t
a
G
m
o
t
t
o
BG
B
R
F
p
0
0
0
4
=
e
c
n
a
t
i
c
a
p
a
c
e
t
a
G5
3S
n
e
m
i
T
ll
a
F
e
t
a
G
m
o
t
t
o
BG
B
F
F
p
0
0
0
4
=
e
c
n
a
t
i
c
a
p
a
c
e
t
a
G5
3S
n
e
m
i
T
d
a
e
Dt
d
0
20
50
8S
n
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
i
f
il
p
m
A
r
o
r
r
EG
m
8
.
01
2
.
1S
m
C
D
@
n
i
a
G
r
e
i
f
il
p
m
A
r
o
r
r
EA
A
E
R
P
M
O
C
n
e
p
o
=8
3B
d
h
t
d
i
w
d
n
a
B
r
e
i
f
il
p
m
A
r
o
r
r
EG
W
B
5z
H
M
t
n
e
r
r
u
C
e
c
r
u
o
S
r
e
i
f
il
p
m
A
r
o
r
r
E
V
1
=
P
M
O
C
,
0
=
B
F5
50
75
8A
u
t
n
e
r
r
u
C
k
n
i
S
r
e
i
f
il
p
m
A
r
o
r
r
E
V
1
=
P
M
O
C
,
V
5
.
1
=
B
F0
70
90
1
1A
u
p
m
a
R
l
a
n
r
e
t
n
IV
P
M
A
R
k
a
e
P
-
o
t
-
k
a
e
P5
5
.
0V
O
D
L
T
T
V
e
g
a
t
l
o
V
t
u
p
t
u
OT
T
VV
Q
D
D
V
V
0
0
5
.
2
=5
3
2
.
10
5
2
.
15
6
2
.
1V
s
t
n
e
r
r
u
C
k
n
i
S
d
n
a
e
c
r
u
o
SI
T
T
V
V
Q
D
D
V
V
0
0
5
.
2
=8
.
1
-8
.
1
+A
s
t
n
e
r
r
u
C
k
n
i
S
d
n
a
e
c
r
u
o
SI
T
T
V
V
Q
D
D
V
V
0
0
5
.
1
=4
.
1
-4
.
1
+A
n
o
i
t
a
l
u
g
e
R
d
a
o
L
∆
/
T
T
V
∆I
I
T
T
V
A
8
.
1
-
o
t
A
8
.
1
+
=1
-1
+%
n
i
a
G
r
e
i
f
il
p
m
A
r
o
r
r
EA
T
T
V
_
A
E
5
7B
d
t
i
m
i
L
t
n
e
r
r
u
CT
T
V
M
I
L
I
w
o
l
=
T
U
C
_
F
B3
A
Unless specified: T
A = 25
oC, 5VSBY = 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com