Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2516 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2516
Description  Complete Three-in-One DDR Power Solution With BF_CUT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2516 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2516 Datasheet HTML 1Page - Semtech Corporation SC2516 Datasheet HTML 2Page - Semtech Corporation SC2516 Datasheet HTML 3Page - Semtech Corporation SC2516 Datasheet HTML 4Page - Semtech Corporation SC2516 Datasheet HTML 5Page - Semtech Corporation SC2516 Datasheet HTML 6Page - Semtech Corporation SC2516 Datasheet HTML 7Page - Semtech Corporation SC2516 Datasheet HTML 8Page - Semtech Corporation SC2516 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2516
Complete Three-in-One DDR
Power Solution With BF_CUT
Features
Applications
Revision 8, May. 2005
Typical Application Circuit
Description
The SC2516 is a fully integrated, Three-in-One DDR Con-
troller supplying power to the VDDQ, VTT and GMCH
rails. Two synchronous buck controller provide the VDDQ
and GMCH at high efficiency, while an internal linear regu-
lator supplies the termination voltage with 1.8A(min)
Source/Sink capability.
The SC2516 uses the Intel® defined Latched BF_Cut
signal to comply with motherboard state transitions. The
regulator uses the 5VDUAL rail to supply VDDQ under all
motherboard states, via the VDDQ switcher. The GMCH
regulator is slaved off the 5V main regulator, using a sepa-
rate UVLO on that rail. Additional logic and supervisory
circuitry complete the functionality of this single chip DDR
power solution in compliance with ACPI requirements.
The MLP package with a copper pad provides excellent
thermal impedance while keeping small footprint. VDDQ
short circuit protection along with VTT current limit as
well as two independent thermal shutdown circuits as-
sure safe operation under all fault conditions.
Power Solution for DDR memory per Intel
motherboard specification
High speed data line termination
Uses Latched BF_Cut from Intel Glue Chip to
control regulators
External VDDQ divider allows DDRI or DDRII Com-
patibility
High efficiency VDDQ switcher
External GMCH divider allows 1.5V or 1.25V pro-
gramming
High efficiency GMCH switcher supplies pro-
grammed output from the 5V or 3.3V rail
Single chip solution complies fully with ACPI power
sequencing specifications
1.8A (min) VTT Source/Sink capability
High current 1Amp gate driver for VDDQ switcher
Independent thermal shutdown for VTT
Fast transient response
Space saving 22-pin MLP package with copper
thermal pad for heatsinking to PC Board
VDDQ
3VCC
5VSBY
GMCH
VTT
12VCC
FB_GMCH
FBVDDQ
FBVDDQ
VDDQ
Latched BF_CUT
SC2516
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
COMP
FBVDDQ
SS/EN
VTTGND
VTT
VDDQ
AGND
VTTFB
REFSENS
FB_GMCH
SS_GMCH
POK
GND_GMCH
BG_GMCH
TG_GMCH
BF_CUT
COMP_GMCH
5VSBY
BST
TG
BG
PGND
ATXPWR_OK
VDDQ
FB_GMCH
5Vdual
SS/EN


Similar Part No. - SC2516

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC251 MOTOROLA-SC251 Datasheet
94Kb / 2P
TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
logo
Semtech Corporation
SC251 SEMTECH-SC251 Datasheet
523Kb / 19P
Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
logo
New Jersey Semi-Conduct...
SC251 NJSEMI-SC251 Datasheet
228Kb / 4P
Hermetic Triacs
SC251 NJSEMI-SC251 Datasheet
228Kb / 4P
Hermetic Triacs
logo
Motorola, Inc
SC251B MOTOROLA-SC251B Datasheet
94Kb / 2P
TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
More results

Similar Description - SC2516

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
Complete DDR Power Solution
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
Complete Raster Solution
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
Complete Backlight Solution
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
logo
STMicroelectronics
STEVAL-IPP001V2 STMICROELECTRONICS-STEVAL-IPP001V2 Datasheet
517Kb / 16P
Complete solution for power line communication in metering applications
20-Oct-2011
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
complete DDR4 memory power solution
logo
Maxim Integrated Produc...
MAX17515 MAXIM-MAX17515_V01 Datasheet
1Mb / 15P
Complete Switch-Mode Power Supply in One Package
2015
logo
ON Semiconductor
NCL31000 ONSEMI-NCL31000 Datasheet
1Mb / 44P
Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
logo
Richtek Technology Corp...
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com