Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2621A Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2621A
Description  Voltage Mode PWM Controller With Linear Power Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2621A Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2621A Datasheet HTML 2Page - Semtech Corporation SC2621A Datasheet HTML 3Page - Semtech Corporation SC2621A Datasheet HTML 4Page - Semtech Corporation SC2621A Datasheet HTML 5Page - Semtech Corporation SC2621A Datasheet HTML 6Page - Semtech Corporation SC2621A Datasheet HTML 7Page - Semtech Corporation SC2621A Datasheet HTML 8Page - Semtech Corporation SC2621A Datasheet HTML 9Page - Semtech Corporation SC2621A Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2621A
THEOR
THEOR
THEOR
THEOR
THEORY OF OPERA
Y OF OPERA
Y OF OPERA
Y OF OPERA
Y OF OPERATION
TION
TION
TION
TION
The SC2621A integrates a high-speed, voltage mode
PWM controller with a linear controller into a single pack-
age. It is designed to control two independent output
voltages for high performance graphic card applications.
As shown in the block diagram of the SC2621A, the volt-
age-mode PWM controller consists of an error amplifier,
a 450kHz ramp generator, a PWM comparator, a RS latch
circuit, and two MOSFET drivers. The buck converter out-
put voltage is fed back to the error amplifier negative
input and is regulated to a reference voltage level. The
error amplifier output is compared with the ramp to gen-
erate a PWM wave, which is amplified and used to drive
the MOSFETs in the buck converter. The PWM wave at
the phase node with the amplitude of Vin is filtered out
to get a DC output. The linear controller is an error ampli-
fier. It provides the gate drive and output voltage control
for a linear regulator. Both PWM controller and linear con-
troller work with soft-start and fault monitoring circuitry
to meet application requirement.
UVLO, Start-up and Shutdown
UVLO, Start-up and Shutdown
UVLO, Start-up and Shutdown
UVLO, Start-up and Shutdown
UVLO, Start-up and Shutdown
To initiate the SC2621A, a supply voltage is applied to
Vcc pin. The top gate (DH) and bottom gate (DL) are held
low until Vcc voltage exceed UVLO (Under Voltage Lock
Out) threshold, typically 4.0V. Then the internal Soft-Start
(SS) capacitor begins to charge, the top gate remains
low, and the bottom gate is pulled high to turn on the
bottom MOSFET. When the SS voltage at the capacitor
reaches 0.4V, the linear controller is enabled and the
LDO output is turned on. Meanwhile, the top and bottom
gates of PWM controller begin to switch. The switching
regulator output is slowly ramping up for a soft turn-on.
If the supply voltages at Vcc pin falls below UVLO thresh-
old during a normal operation, the SS capacitor begins
to discharge. When the SS voltage reaches 0.4V, the
PWM controller controls the switching regulator output
to ramp down slowly for a soft turn-off. Meanwhile, the
linear controller is disabled and LDO output is turned off.
Hiccup Mode Short Circuit Protection
Hiccup Mode Short Circuit Protection
Hiccup Mode Short Circuit Protection
Hiccup Mode Short Circuit Protection
Hiccup Mode Short Circuit Protection
The SC2621A uses low-side MOSFET Rdson sensing for
over current protection. In every switching cycle, after
the bottom MOSFET is on for 150ns, the SC2621A de-
tects the phase node voltage and compares it with an
internal setting voltage. If the phase node is lower than
the setting voltage, an overcurrent condition occurs. The
SC2621A will discharge the internal SS capacitor and
shutdown both outputs. After waiting for around 5 milli-
seconds, the SC2621A begins to charge SS capacitor
again and initiates a fresh startup. The startup and shut-
down cycle will repeat until the short circuit is removed.
This is called a hiccup mode short circuit protection.
To program a load trip point for short circuit protection, it
is recommended to connect a 3.3k resistor from the OCS
pin to the ground, and a resistor Rset from the OCS pin to
the DRV pin, as shown in Fig. 1.
SC2621A
GND
OCS
DRV
VCC
10
2
12
3.3k
Rset
12V
8
SC2621A
GND
OCS
DRV
VCC
10
2
12
3.3k
Rset
12V
8
Fig. 1. Programming load trip point
150
175
200
225
250
275
300
325
350
0
100
200
300
400
500
600
Rset (k-ohm)
150
175
200
225
250
275
300
325
350
0
100
200
300
400
500
600
Rset (k-ohm)
Fig. 2. Pull up resistor (Rset) vs. trip voltage Vpn
The resistor Rset can be found in Fig. 2 for a given phase
node voltage Vpn at the load trip point. This voltage is
the product of the inductor peak current at the load trip
point and the Rdson of the low-side MOSFET:
on
_
ds
peak
pn
R
I
V
´
=
The soft start time of the SC2621A is fixed at around
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com