Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2621A Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2621A
Description  Voltage Mode PWM Controller With Linear Power Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2621A Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2621A Datasheet HTML 6Page - Semtech Corporation SC2621A Datasheet HTML 7Page - Semtech Corporation SC2621A Datasheet HTML 8Page - Semtech Corporation SC2621A Datasheet HTML 9Page - Semtech Corporation SC2621A Datasheet HTML 10Page - Semtech Corporation SC2621A Datasheet HTML 11Page - Semtech Corporation SC2621A Datasheet HTML 12Page - Semtech Corporation SC2621A Datasheet HTML 13Page - Semtech Corporation SC2621A Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2621A
Applications Information (Cont.)
P
PP
PPer
er
er
er
erffffformance Charact
ormance Charact
ormance Charact
ormance Charact
ormance Characteristics (12V In
eristics (12V In
eristics (12V In
eristics (12V In
eristics (12V Input)
put)
put)
put)
put)
Load Characteristics (Output vs Load Current)
Gate Waveforms (Io=15A)
Transient Response
Short Circuit Protection
Start up
Efficiency (%) vs Load Current
DH (10V/DIV)
DL (10V/DIV)
PN (10V/DIV)
X=50ns/DIV
60
65
70
75
80
85
90
1
357
9
11
13
15
Load Current (A)
60
65
70
75
80
85
90
1
357
9
11
13
15
Load Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
Load Current(A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
Load Current(A)
1.5V Output (1V/DIV)
12V Input (5V/DIV)
2.5V Output (2V/DIV)
3.3V Input (2V/DIV)
X=5ms/DIV
Step Load Current (10A/DIV)
1.5V Output Response (100mV/DIV)
X=20us/DIV
1.5V OUT (1V/DIV)
Output Current (10A/DIV)
Output Short
X=5ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com