Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2621A Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2621A
Description  Voltage Mode PWM Controller With Linear Power Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2621A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2621A Datasheet HTML 4Page - Semtech Corporation SC2621A Datasheet HTML 5Page - Semtech Corporation SC2621A Datasheet HTML 6Page - Semtech Corporation SC2621A Datasheet HTML 7Page - Semtech Corporation SC2621A Datasheet HTML 8Page - Semtech Corporation SC2621A Datasheet HTML 9Page - Semtech Corporation SC2621A Datasheet HTML 10Page - Semtech Corporation SC2621A Datasheet HTML 11Page - Semtech Corporation SC2621A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2621A
Applications Information (Cont.)
Input Capacitor
Input Capacitor
Input Capacitor
Input Capacitor
Input Capacitor
The input capacitor should be chosen to handle the RMS
ripple current of a synchronous buck converter. This value
is given by:
2
2
)
(
)
1
(
IN
o
IN
RMS
I
I
D
I
D
I
-
×
+
×
-
=
where Io is the load current, IIN is the input average cur-
rent, and D is the duty cycle. Choosing low ESR input
capacitors will help maximize ripple rating for a given size.
MOSFET for Linear Regulator
MOSFET for Linear Regulator
MOSFET for Linear Regulator
MOSFET for Linear Regulator
MOSFET for Linear Regulator
The MOSFET in linear regulator operates in linear region
with really high power loss. A device with a suitable pack-
age has to be selected to handle the loss. To prevent too
high load current during short circuit, the Rdson of the
MOSFET should not be selected too low. A good choice is
to select a MOSFET so that it is almost fully turned on at
maximum load current. For example, in a LDO design with
3.3V in and 1.5V/2A out, a MOSFET with 600 to 800m-
ohm Rdson can be chosen.
Bootstrap Circuit
Bootstrap Circuit
Bootstrap Circuit
Bootstrap Circuit
Bootstrap Circuit
The SC2621A uses an external bootstrap circuit to pro-
vide a voltage at BST pin for the top MOSFET drive. This
voltage, referring to the Phase Node, is held up by a
bootstrap capacitor. Typically, it is recommended to use
a 1uF ceramic capacitor with 16V rating and a commonly
available diode IN4148 for the bootstrap circuit.
Filters for Supply Power
Filters for Supply Power
Filters for Supply Power
Filters for Supply Power
Filters for Supply Power
For each pin of DRV and Vcc, it is recommended to use a
1uF/16V ceramic capacitor for decoupling. In addition,
place a small resistor (10 ohm) in between Vcc pin and
the supply power for noise reduction.
CONTROL LOOP DESIGN
CONTROL LOOP DESIGN
CONTROL LOOP DESIGN
CONTROL LOOP DESIGN
CONTROL LOOP DESIGN
The goal of compensation is to shape the frequency re-
sponse charateristics of the buck converter to achieve a
better DC accuracy and a faster transient response for
the output voltage, while maintaining the loop stability.
The block diagram in Fig. 3 represents the control loop
of a buck converter designed with the SC2621A. The
control loop consists of a compensator, a PWM modula-
tor, and a LC filter.
The LC filter and PWM modulator represent the small
signal model of the buck converter operating at fixed
switching frequency. The transfer function of the model
is given by:
LC
s
R
sL
C
sR
V
V
V
V
ESR
m
IN
C
O
2
/
1
1
+
+
+
×
=
where VIN is the power rail voltage, Vm is the amplitude
of the 500kHz ramp, and R is the equivalent load.
L
Vo
Co
SC2621A AND MOSFET S
FB
OUT
COMP
PWM
MODULAT OR
REF
+
-
EA
Resr
Zf
Zs
Vc
Fig. 3. Block diagram of the control loop
The model is a second order system with a finite DC gain,
a complex pole pair at Fo, and an ESR zero at Fz, as
shown in Fig. 4. The locations of the poles and zero are
determined by:
LC
F
O
1
=
C
R
F
ESR
Z
1
=
The compensator in Fig. 3 includes an error amplifier and
impedance networks Zf and Zs. It is implemented by the
circuit in Fig. 5. The compensator provides an integrator,
double poles and double zeros. As shown in Fig. 4, the
integrator is used to boost the gain at low frequency.
Two zeros are introduced to compensate excessive phase
lag at the loop gain crossover due to the integrator
(-90deg) and complex pole pair (-180deg). Two high fre-
quency poles are designed to compensate the ESR zero
and attenuate high frequency noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com