Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2621A Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2621A
Description  Voltage Mode PWM Controller With Linear Power Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2621A Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2621A Datasheet HTML 6Page - Semtech Corporation SC2621A Datasheet HTML 7Page - Semtech Corporation SC2621A Datasheet HTML 8Page - Semtech Corporation SC2621A Datasheet HTML 9Page - Semtech Corporation SC2621A Datasheet HTML 10Page - Semtech Corporation SC2621A Datasheet HTML 11Page - Semtech Corporation SC2621A Datasheet HTML 12Page - Semtech Corporation SC2621A Datasheet HTML 13Page - Semtech Corporation SC2621A Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2621A
Applications Information (Cont.)
TTTTTypical Application Schematics with 25V In
ypical Application Schematics with 25V In
ypical Application Schematics with 25V In
ypical Application Schematics with 25V In
ypical Application Schematics with 25V Input
put
put
put
put
Bill of Materials (25V Input)
Bill of Materials (25V Input)
Bill of Materials (25V Input)
Bill of Materials (25V Input)
Bill of Materials (25V Input)
Item
Quantity
Reference
Part
Vendor
1
1
C1
10uF/35V
Murata
2
1
C9
10uF/6.3V
Vishay
3
1
C4
1500uF/35V
Rubycon
4
1
C10
1500uF/6.3V
Rubycon, MBZ
5
3
C5,C11,C13
1uF
Vishay
6
1
C6,C12
2.2nF
Vishay
7
1
C8
560uF
Sanyo
8
1
C14
4.7nF
Vishay
9
1
C15
1nF
Vishay
10
1
D1
D1N4148
Any
11
1
D2
BZX84B16LT1
ON Semi
12
1
L1
2.2uH
Cooper Electr. Tech
13
2
Q3,Q1
IRLR7821
IR
14
1
Q2
SPD14N06
Infineon
15
1
R1
732
Vishay
16
1
R3
3.3k
Vishay
17
1
R4
499k
Vishay
18
1
R6
301
Vishay
19
1
R9
1R0
Vishay
20
1
R10,R15
22k
Vishay
21
1
R11
11.3k
Vishay
22
1
R12
2k
Vishay
23
1
R13
2.43k
Vishay
24
1
U1
SC2621A
SEMTECH
0
C15
1nF
R1
732
C14
4.7nF
R10
22k
+
C8
560uF
R12
2k
0
R4
499k
D1
D1N4148
C9
10uF
Vin=25V
Q1
IRLR7821
C5
1uF
Q2
SPD14N06
R11
11.3k
Note: Zener diode D2 is required when Vin is 18V or higher.
D2
BZX84B16LT1
R9
1R0
3.3V/1A
Q3
IRLR7821
0
C6
2.2nF
5V
C13
1uF
+ C4
1800uF
+ C10
1800uF
L1
2.2uH
1
2
R15
22k
U1
SC2621A
1
2
3
4
10
11
12
14
5
13
6
7
9
8
BST
OCS
COMP
FB
DRV
DL
GND
DH
LDOG
PN
LDFB
NC
NC
VCC
5V /10A
0
0
C12
2.2nF
C11
1uF
0
R13
2.43k
R6
301
C1
10uF
R3
3.3k
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com