Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2453 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2453
Description  High Performance Quad Output Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2453_05 Datasheet HTML 10Page - Semtech Corporation SC2453_05 Datasheet HTML 11Page - Semtech Corporation SC2453_05 Datasheet HTML 12Page - Semtech Corporation SC2453_05 Datasheet HTML 13Page - Semtech Corporation SC2453_05 Datasheet HTML 14Page - Semtech Corporation SC2453_05 Datasheet HTML 15Page - Semtech Corporation SC2453_05 Datasheet HTML 16Page - Semtech Corporation SC2453_05 Datasheet HTML 17Page - Semtech Corporation SC2453_05 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
 2005 Semtech Corp.
www.semtech.com
SC2453
POWER MANAGEMENT
waveform. Assuming that the output current ripple is
small, the following formula can be used to estimate the
RMS value of the ripple current in the input capacitor.
Let the duty ratio and output current of Channel 1 and
Channel 2 be D
1, D2 and Io1, Io2, respectively.
If D
1<0.5 and D2<0.5, then:
2
2
o
2
2
1
o
1
Cin
I
D
I
D
I
+
≈
If D
1>0.5 and (D1-0.5) < D2<0.5, then:
2
2
o
1
2
2
2
o
1
o
1
2
1
o
Cin
I)
5
.
0
D
D
(
)
I
I
)(
5
.
0
D
(
I
5
.
0
I
+
−
+
+
−
+
≈
If D
1>0.5 and D2 < (D1-0.5) < 0.5, then:
2
2
o
2
1
2
2
o
1
o
2
2
1
o
Cin
I)
5
.
0
D
D
(
)
I
I
(
D
I
5
.
0
I
−
−
+
+
+
≈
If D
1>0.5 and D2 > 0.5, then:
2
2
o
1
2
1
o
2
2
2
o
1
o
2
1
Cin
I)
D
1
(
I)
D
1
(
)
I
I
)(
1
D
D
(
I
−
+
−
+
+
−
+
≈
Choosing Power MOSFET’s
Choosing Power MOSFET’s
Choosing Power MOSFET’s
Choosing Power MOSFET’s
Choosing Power MOSFET’s
Main considerations in selecting the MOSFET’s are power
dissipation, cost and packaging. Switching losses and
conduction losses of the MOSFET’s are directly related
to the total gate charge (C
g) and channel on-resistance
(R
ds(on)). In order to judge the performance of MOSFET’s,
the product of the total gate charge and on-resistance is
used as a figure of merit (FOM). Transistors with the same
FOM follow the same curve in Figure 5.
The closer the curve is to the origin, the lower is the FOM.
This means lower switching loss or lower conduction loss
or both. It may be difficult to find MOSFET’s with both
low C
g and low Rds(on. Usually a trade-off between Rds(on
and C
g has to be made.
0
5
10
15
20
0
20
40
FOM:100*10^{-12}
FOM:200*10^{-12}
FOM:500*10^{-12}
On-resistance (mOhm)
50
1
Cg 100 Rds
,
()
Cg 200 Rds
,
()
Cg 500 Rds
,
()
20
1
Rds
Figure 5. Figure of Merit curves.
MOSFET selection also depends on applications. In many
applications, either switching loss or conduction loss
dominates for a particular MOSFET. For synchronous buck
converters with high input to output voltage ratios, the
top MOSFET is hard switched but conducts with very low
duty cycle. The bottom switch conducts at high duty cycle
but switches at near zero voltage. For such applications,
MOSFET’s with low C
g are used for the top switch and
MOSFET’s with low R
ds(on) are used for the bottom switch.
MOSFET power dissipation consists of
a) conduction loss due to the channel resistance R
ds(on),
b) switching loss due to the switch rise time t
r and fall
time t
f, and
c) the gate loss due to the gate resistance R
G.
Top Switch:
The RMS value of the top switch current is calculated
as:
)
1
(
D
I
I
12
o
rms
,
1
Q
2
δ
+
=
The conduction losses are then:
P
tc = IQ1,rms
2
R
ds(on)
R
ds(on) varies with temperature and gate-source voltage.
Curves showing R
ds(on) variations can be found in
manufacturers’ data sheet. From the Si4860 datasheet,
R
ds(on) is less than 8mW when Vgs is greater than 10V.
However R
ds(on) increases by 50% as the junction
temperature increases from 25oC to 110oC.
The switching losses can be estimated using the simple
formula



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com