Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2453 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2453
Description  High Performance Quad Output Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2453_05 Datasheet HTML 1Page - Semtech Corporation SC2453_05 Datasheet HTML 2Page - Semtech Corporation SC2453_05 Datasheet HTML 3Page - Semtech Corporation SC2453_05 Datasheet HTML 4Page - Semtech Corporation SC2453_05 Datasheet HTML 5Page - Semtech Corporation SC2453_05 Datasheet HTML 6Page - Semtech Corporation SC2453_05 Datasheet HTML 7Page - Semtech Corporation SC2453_05 Datasheet HTML 8Page - Semtech Corporation SC2453_05 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
www.semtech.com
SC2453
High Performance Quad Output
Switching Regulator
POWER MANAGEMENT
Revision: July 20, 2005
Description
Features
Applications
Typical Application Circuit
Two synchronized converters for low noise
Power up sequencing to prevent latch-up
Out of phase operation for low input ripple
Over current protection
Wide input range, 4.5 to 30V
Programmable frequency up to 700KHz
Two synchronous bucks for high efficiency at high
current
One dedicated programmable positive linear
regulator and one dedicated programmable
negative linear regulator
Output voltage as low as 0.5V
Small package TSSOP-28. Also offered in lead free,
WEEE and RoHS compliant package
DSL applications with multiple input voltage re-
quirements
Mixed-Signal applications requiring positive and
negative voltages
Cable modem power management
Base station power management
The SC2453 is a high performance controller for multi-
output converters that can be configured for a wide vari-
ety of applications. The SC2453 utilizes PWM synchro-
nous buck topologies where efficiency is most important.
It also provides dedicated programmable positive and
negative linear regulators using external transistors. Each
of the three positive outputs is adjustable down to 0.5V.
The two PWM switchers are synchronized 180° out of
phase reducing input ripple, allowing for fewer input ca-
pacitors. Power up sequencing prevents converter latch-
up.
The SC2453 can be synchronized to other converters to
prevent beat frequencies. The wide range programmable
operating frequency allows users to optimize a converter
design. The PWM switchers sense the voltage across the
low-side MOSFETs on-resistance to efficiently provide
adjustable current-limit, eliminating costly current-sense
resistors. A POK signal is issued when soft-start is com-
plete on both PWM switchers and their outputs are within
10% of the set point.
R8
C8
R14
R16
C1
R18
C5
C7
D1
Q1
C12
C3
R6
R5
C14
L2
C2
R17
Q4
D3
R11
C13
R7
Q6
C20
C10
C16
C15
C18
R4
C11
C19
C6
C17
C9
Q3
R3
Vout2: +3.3V
Vout1: +5V
Vout3: -12V
Vout4: +2.5V
R1
(as low as 0.5V)
(as low as 0.5V)
Vin: 4.5 - 30V
To Vout2
To Vout2
Q7
R9
Q5
D2
L1
R10
Q2
GD1L
23
PH1
24
GD1H
25
EO2
12
BST1
26
POK
8
SYNC
7
EO1
3
GD2L
20
FB1
2
BD4
4
FB2
13
PH2
19
GD2H
18
BST2
17
FB4
5
BD3
11
FB3
10
SS/SHDN
6
OSC
9
SC 2453
R12
R15
R13
C4


Similar Part No. - SC2453_05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2453ITSTR SEMTECH-SC2453ITSTR Datasheet
263Kb / 14P
High Performance Quad Output Switching Regulator
More results

Similar Description - SC2453_05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2453 SEMTECH-SC2453 Datasheet
263Kb / 14P
High Performance Quad Output Switching Regulator
SC2463 SEMTECH-SC2463 Datasheet
460Kb / 23P
High Performance Quad Output Switching Regulator
logo
Active-Semi, Inc
ACT334 ACTIVE-SEMI-ACT334 Datasheet
103Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT365 ACTIVE-SEMI-ACT365 Datasheet
134Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337_12 Datasheet
402Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_12 Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
ACT366 ACTIVE-SEMI-ACT366_12 Datasheet
323Kb / 11P
High Performance ActivePSRTM Primary Switching Regulator
Rev 1, 14-Nov-12
ACT337 ACTIVE-SEMI-ACT337_14 Datasheet
398Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_14 Datasheet
274Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 4, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com