Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2453 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2453
Description  High Performance Quad Output Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2453_05 Datasheet HTML 12Page - Semtech Corporation SC2453_05 Datasheet HTML 13Page - Semtech Corporation SC2453_05 Datasheet HTML 14Page - Semtech Corporation SC2453_05 Datasheet HTML 15Page - Semtech Corporation SC2453_05 Datasheet HTML 16Page - Semtech Corporation SC2453_05 Datasheet HTML 17Page - Semtech Corporation SC2453_05 Datasheet HTML 18Page - Semtech Corporation SC2453_05 Datasheet HTML 19Page - Semtech Corporation SC2453_05 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
 2005 Semtech Corp.
www.semtech.com
SC2453
POWER MANAGEMENT
Once the power losses P
loss for the top (Pt) and
bottom (P
b) MOSFET’s are known, thermal and package
design at component and system level should be done
to verify that the maximum die junction temperature
(T
j,max, usually 125
o
C) is not exceeded under the worst-
case condition. The equivalent thermal impedance from
junction to ambient (
θ
ja) should satisfy:
loss
max
,
a
max
,j
ja
P
T
T
−
≤
θ
θ
ja depends on the die to substrate bonding,
packaging material, the thermal contact surface, thermal
compound property, the available effective heat sink
area and the air flow condition (free or forced convection).
Actual temperature measurement of the prototype should
be carried out to verify the thermal design.
Setting the Output Voltage
Setting the Output Voltage
Setting the Output Voltage
Setting the Output Voltage
Setting the Output Voltage
The non-inverting input of the channel-one error ampli-
fier is internally tied the 0.5V voltage reference output. A
simple voltage divider (R
o1 at top and Ro2 at bottom) sets
the converter output voltage. The voltage feedback gain
h=0.5/V
o is related to the divider resistors value as:
1
o
2
o
R
h
1
h
R
−
=
Once either R
o1 or Ro2 is chosen, the other can be
calculated for the desired output voltage V
o. Since the
number of standard resistance values is limited, the
calculated resistance may not be available as a standard
value resistor. As a result, there will be a set error in the
converter output voltage. This non-random error is
caused by the feedback voltage divider ratio. It cannot
be corrected by the feedback loop.
The following table lists a few standard resistor combi-
nations for realizing some commonly used output
voltages.
Only the voltages in boldface can be precisely set with
standard 1% resistors.
From this table, one may also observe that when the
value:
5
.
0
5
.
0
V
h
h
1
o −
=
−
)
V
(
o
V
6
.
0
9
.
0
2
.
15
.
1
8
.
15
.
23
.
3
h
/
)
h
-
1
(
2
.
0
8
.
0
4
.
12
6
.
24
6
.
5
)
m
h
O
(
1
o
R
0
0
2
6
0
8
K
4
.
1K
2
K
1
6
.
2K
2
0
.
4K
2
6
.
5
)
m
h
O
(
2
o
R
K
1
K
1
K
1K
1
K
1K
1K
1
and its multiples fall into the standard resistor value
chart (1%, 5% or so), it is possible to use standard value
resistors to exactly set up the required output voltage
value.
The input bias current of the error amplifier also causes
an error in setting the output voltage. The maximum
inverting input bias currents of error amplifiers 1 or 2 is
200nA. Since the non-inverting input is biased to 0.5V,
the percentage error in the second output voltage will be
100%
•(0.2uA) R
01•
R
o2
/[0.5
• (R
o1
+R
o2
) ].
Valley Current Sensing for Current-Limit
Valley Current Sensing for Current-Limit
Valley Current Sensing for Current-Limit
Valley Current Sensing for Current-Limit
Valley Current Sensing for Current-Limit
The valley current sensing for current limiting is a unique
scheme which could sense the voltage across the bot-
tom switch MOSFET when it is on. The scheme is robust
with good noise immunity due to reference to ground.
The current sensing point is at a delay time t
dv before
the beginning of a switching cycle. Therefore, the actual
valley current is:
2
2
)
1
(
_
)
(
τ
τ
dv
dv
t
VS
t
L
B
ON
DS
o
V
e
I
e
R
R
V
I
−
−
+
−
+
−
=
where, I
VS is the preset valley current limiting threshold.
If a sensed current exceeds the threshold, the top switch
will keep off in the next cycle until the current goes back
below the threshold. In steady state, since the output
voltage is out of regulation in over current condition, the
control loop will try to make maximum duty cycle for the
top switch as it is on, which is usually greater than 80%.
Therefore, as the current falls back below the thresh-
old, it is on in the next almost full cycle. The peak cur-
rent is not controlled and only depends upon circuit pa-
rameters and operating condition in this cycle. The peak
current I
P is:
1
1
)
1
(
_
)
(
τ
τ
T
V
T
L
T
ON
DS
o
in
P
e
I
e
R
R
V
V
I
−
−
+
−
+
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com