Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2453 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2453
Description  High Performance Quad Output Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2453_05 Datasheet HTML 14Page - Semtech Corporation SC2453_05 Datasheet HTML 15Page - Semtech Corporation SC2453_05 Datasheet HTML 16Page - Semtech Corporation SC2453_05 Datasheet HTML 17Page - Semtech Corporation SC2453_05 Datasheet HTML 18Page - Semtech Corporation SC2453_05 Datasheet HTML 19Page - Semtech Corporation SC2453_05 Datasheet HTML 20Page - Semtech Corporation SC2453_05 Datasheet HTML 21Page - Semtech Corporation SC2453_05 Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
 2005 Semtech Corp.
www.semtech.com
SC2453
POWER MANAGEMENT
Bill of Materials - Evaluation Board
Item Quantity
Reference
Part
Manufacturer
Manufacturer #
Foot Print
1
4
C1,C2,C3,C4
10uF/16V
TDK
C3216X5R1C106MT SM/C_1206
2
1
C5
10uF
SM/C_0805
3
2
C6,C50
1uF
SM/C_0805
4
5
C7,C13,C17,C22,C23 10uF
TDK
C3216X5R1C106MT SM/C_1206
51
C8
0.1uF
SM/R_0805
62
C16
0.1uF
SM/C_0805
C9
0.1uF
SM/C_0805
7
1
C10
0.01uF
SM/C_0805
8
1
C11
680uF/4V
SANYO
4TPB680M
SM/CT_7343
9
4
C12
Open
SM/C_0805
C18
Open
SM/C_0805
C21
Open
SM/C_0805
C52
Open
SM/C_0805
10
1
C14
8.2nF
SM/C_0805
11
2
C24
680pF
SM/C_0805
C15
680pF
SM/C_0805
12
1
C19
3.3nF
SM/C_0805
13
1
C20
470uF/6.3V
SANYO
6TPB470M
SM/CT_7343
14
1
C25
4.7nF
SM/C_0805
15
4
C27
Open
SM/C_1210
C28
Open
SM/C_1210
C29
Open
SM/C_1210
C33
Open
SM/C_1210
16
3
C30
22uF
SM/C_1210
C32
22uF
SM/C_1210
C51
22uF
SM/C_1210
17
1
C31
2.2nF
SM/C_0805
18
1
C53
100pF
SM/C_0805
19
2
D2
SL04
VISAY
SL04
SOD123
D1
SL04
VISAY
SL04
SOD123
20
1
D3
B150
VISAY
SS15
SM/_SMB
28
1
L1
STQ127_1042
DELTA
STQ127_1042
29
1
L2
10uH
COILCRAFT
DO5022P-103
DO5022
30
2
Q4
FZT749
ZETEX
FZT749TA
SM/SOT223
Q1
FZT749
ZETEX
FZT749TA
SM/SOT223
31
4
Q2
SUD50N03-10CP VISHAY
SUD50N03-10CP
SM/_DPAK
Q3
SUD50N03-10CP VISHAY
SUD50N03-10CP
SM/_DPAK
Q5
SUD50N03-10CP VISHAY
SUD50N03-10CP
SM/_DPAK
Q6
SUD50N03-10CP VISHAY
SUD50N03-10CP
SM/_DPAK
32
1
Q7
FZT649
ZETEX
FZT649
SM/SOT223
33
4
R1
10K
SM/R_0805
R13
10K
SM/R_0805
R24
10K
SM/R_0805
R51
10K
SM/R_0805
34
1
R2
10
SM/R_0805
35
1
R3
30K
SM/R_0805
36
2
R4
2
SM/R_0805
R12
2
SM/R_0805
37
1
R5
11.3K
SM/R_0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com