Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4521 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4521
Description  3A Step-Down Switching Regulator with Programmable Soft Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4521 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4521 Datasheet HTML 3Page - Semtech Corporation SC4521 Datasheet HTML 4Page - Semtech Corporation SC4521 Datasheet HTML 5Page - Semtech Corporation SC4521 Datasheet HTML 6Page - Semtech Corporation SC4521 Datasheet HTML 7Page - Semtech Corporation SC4521 Datasheet HTML 8Page - Semtech Corporation SC4521 Datasheet HTML 9Page - Semtech Corporation SC4521 Datasheet HTML 10Page - Semtech Corporation SC4521 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4521
Figure 2 shows the theoretical maximum load current
for the specific cases. In a real application, however, the
allowed maximum load current also depends on the layout
and the air cooling condition. Therefore, the maximum
load current may need to be degraded according to the
thermal situation of the application.
Maximum Load Current vs Input Voltage
L=10uH
2.700
2.720
2.740
2.760
2.780
2.800
2.820
2.840
2.860
2.880
2.900
46
8
10
12
14
16
18
Vi (V)
Vo=2.5V
Vo=3.3V
Vo=5V
Figure 2. Theoretical maximum load current curves
Inductor Selection
The factors for selecting the inductor include its cost,
efficiency, size and EMI. For a typical SC4521 application,
the inductor selection is mainly based on its value,
saturation current and DC resistance. Increasing the
inductor value will decrease the ripple level of the output
voltage while the output transient response will be
degraded. Low value inductors offer small size and fast
transient responses while they allow large ripple currents,
poor efficiencies and require more output capacitance
for low output ripple. The inductor should be able to
handle the peak current without saturating and its copper
resistance in the winding should be as low as possible to
minimize its resistive power loss. A good trade-off among
its size, loss and cost is to set the inductor ripple current
to be within 15% to 30% of the maximum output current.
The inductor value can be determined according to its
operating point under its continuous mode and the
switching frequency as follows:
Application Information (Cont.)
OMAX
s
I
O
I
O
I
δ
f
V
)
V
(V
V
L
=
Where:
fs = switching frequency,
δ = ratio of the peak to peak inductor current to the
output load current and
V
O = output voltage.
The peak to peak inductor current is:
OMAX
p
p
I
δ
I
=
After the required inductor value is selected, the proper
selection of the core material is based on the peak
inductor current and efficiency specifications. The core
must be able to handle the peak inductor current I
PEAK
without saturation and produce low core loss during the
high frequency operation.
2
I
I
I
p
p
OMAX
PEAK
+
=
The power loss for the inductor includes its core loss and
copper loss. If possible, the winding resistance should
be minimized to reduce inductor’s copper loss. The core
must be able to handle the peak inductor current I
PEAK
without saturation and produce low core loss during the
high frequency operation. The core loss can be found in
the manufacturer’s datasheet. The inductor’s copper loss
can be estimated as follows:
WINDING
LRMS
2
COPPER
R
I
P
=
Where:
I
LRMS is the RMS current in the inductor. This current can
be calculated as follows:
2
OMAX
LRMS
δ
12
1
1
I
I
+
=
Output Capacitor Selection
Basically there are two major factors to consider in
selecting the type and quantity of the output capacitors.
The first one is the required ESR (Equivalent Series
Resistance) which should be low enough to reduce the
output voltage deviation during load changes. The second
one is the required capacitance, which should be high
enough to hold up the output voltage. Before the SC4521
regulates the inductor current to a new value during a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com