Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4521 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4521
Description  3A Step-Down Switching Regulator with Programmable Soft Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4521 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4521 Datasheet HTML 1Page - Semtech Corporation SC4521 Datasheet HTML 2Page - Semtech Corporation SC4521 Datasheet HTML 3Page - Semtech Corporation SC4521 Datasheet HTML 4Page - Semtech Corporation SC4521 Datasheet HTML 5Page - Semtech Corporation SC4521 Datasheet HTML 6Page - Semtech Corporation SC4521 Datasheet HTML 7Page - Semtech Corporation SC4521 Datasheet HTML 8Page - Semtech Corporation SC4521 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC4521
3A Step-Down Switching Regulator
with Programmable Soft Start
Features
Revision: October 5, 2007
The SC4521 is a current mode switching regulator with
an integrated switch, operating at 600kHz with
programmable soft start and enable functions. The
integrated switch allows for cost effective low power
solutions (peak switch current 3 amps). High frequency
operation allows for very small passive components.
Current mode operation allows for fast dynamic response
and instantaneous duty cycle adjustment as the input
varies (ideal for CPE applications where the input is a
wall plug power).
The low shutdown current makes it ideal for portable
applications where battery life is important.
The SC4521 is an 600kHz switching regulator with a low
pin count.
The SC4521 allows customers to use large capacitive
loads because its programmable soft start limits the dv/
dt of the output at start up.
Wide operating voltage range: 4.4V to 24V
Integrated 3 Amp switch
600kHz frequency of operation
Programmable soft start funchion
Current mode control
Precision enable threshold
SO-8 EDP Lead-free package, fully WEEE and RoHS
compliant
XDSL modems
CPE equipment
DC-DC point of load applications
Portable equipment
Digtial consumer electronics
C1
VOUT
D2
R3
D1
L1
C2
BST
1
IN
2
SW
3
GND
4
EN
5
FB
6
COMP
7
SS
8
Enable
C4
VIN
C3
R2
R1
SC4521
C6
C1
VOUT
D2
R3
D1
L1
C2
BST
1
IN
2
SW
3
GND
4
EN
5
FB
6
COMP
7
SS
8
Enable
C4
VIN
C3
R2
R1
SC4521
C6
Typical Application Circuit
Applications
Description


Similar Part No. - SC4521

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC452 SEMTECH-SC452 Datasheet
64Kb / 1P
Dual-Phase Single Chip IMVP-6 Vcore Power Supply
SC4520 SEMTECH-SC4520 Datasheet
269Kb / 12P
3A Step-Down Switching Regulator with Adjustable Switching Frequency
SC4520EVB SEMTECH-SC4520EVB Datasheet
269Kb / 12P
3A Step-Down Switching Regulator with Adjustable Switching Frequency
SC4520SETRT SEMTECH-SC4520SETRT Datasheet
269Kb / 12P
3A Step-Down Switching Regulator with Adjustable Switching Frequency
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
More results

Similar Description - SC4521

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4502 SEMTECH-SC4502 Datasheet
407Kb / 19P
1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4520 SEMTECH-SC4520 Datasheet
269Kb / 12P
3A Step-Down Switching Regulator with Adjustable Switching Frequency
logo
Kingbor Technology Co
KB3302 KINGBOR-KB3302 Datasheet
248Kb / 17P
2Amp, 2MHz Step-up Switching regulator with Soft-Start
logo
Semtech Corporation
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM22673 NSC-LM22673 Datasheet
511Kb / 18P
3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
logo
Linear Technology
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
600kHz 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com