Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4521 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4521
Description  3A Step-Down Switching Regulator with Programmable Soft Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4521 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4521 Datasheet HTML 9Page - Semtech Corporation SC4521 Datasheet HTML 10Page - Semtech Corporation SC4521 Datasheet HTML 11Page - Semtech Corporation SC4521 Datasheet HTML 12Page - Semtech Corporation SC4521 Datasheet HTML 13Page - Semtech Corporation SC4521 Datasheet HTML 14Page - Semtech Corporation SC4521 Datasheet HTML 15Page - Semtech Corporation SC4521 Datasheet HTML 16Page - Semtech Corporation SC4521 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4521
Application Information (Cont.)
Design Example 3: 13V ~ 21V to 3.3V at 1A
C1
0.22u
SC4521
IN
2
SW
3
EN
5
FB
6
COMP
7
SS
8
R1
24.9k
R3
3.83k
C4
18n
C2
10u
D2
L1
10uH
C5
560p
VI
Vo=3.3V
C3
4.7u
R2
8.25k
D3
R0
0
Css
330n
Rss
200k
C1
0.22u
SC4521
IN
2
SW
3
EN
5
FB
6
COMP
7
SS
8
R1
24.9k
R3
3.83k
C4
18n
C2
10u
D2
L1
10uH
C5
560p
VI
Vo=3.3V
C3
4.7u
R2
8.25k
D3
R0
0
Css
330n
Rss
200k
Note: The bottom pad needs a big copper area to remove the heat.
s
l
a
i
r
e
t
a
M
f
o
ll
i
B
m
e
t
Iy
t
Qe
c
n
e
r
e
f
e
Re
u
l
a
Vr
e
r
u
t
c
a
f
u
n
a
M
/.
o
N
t
r
a
P
11
1
CR
7
X
,
5
0
8
0
,
V
5
2
,
F
u
2
2
.
0X
X
K
4
2
2
Y
5
0
8
0
J
V
:
y
a
h
s
i
V
21
2
CF
u
0
1
:
n
e
d
u
Y
-
o
y
i
a
T
T
-
F
M
6
0
1
J
B
6
1
3
K
D
E
31
3
CR
5
X
,
V
5
2
,
6
0
2
1
,
F
u
7
.
4c
i
n
o
s
a
n
a
P
41
4
CV
5
2
,
R
7
X
,
5
0
8
0
,
F
n
8
1y
a
h
s
i
V
51
5
C5
0
8
0
,
V
0
5
,
F
p
0
6
5y
a
h
s
i
V
61
2
D
4
0
S
Q
1
3
C
E
:l
a
n
o
it
a
n
r
e
t
n
I
-
n
o
h
i
N
71
3
D3
2
3
D
O
S
,
S
W
8
4
1
4
N
1
81
1
LH
u
0
1
:
a
d
i
m
u
S
C
N
0
0
1
-
P
N
8
3
D
6
H
R
D
C
91
0
R5
0
8
0
,
0
0
11
1
R5
0
8
0
,
%
1
,
k
9
.
4
2E
N
O
Z
T
M
S
1
11
2
R5
0
8
0
,
%
1
,
k
5
2
.
8E
N
O
Z
T
M
S
2
11
3
R5
0
8
0
,
%
1
,
k
3
8
.
3E
N
O
Z
T
M
S
3
1-
s
s
R5
0
8
0
,
k
0
0
2
4
11
s
s
C5
0
8
0
,
F
n
0
3
3
5
11
1
U1
2
5
4
C
Sh
c
e
t
m
e
S
.
e
g
a
k
c
a
p
5
0
8
0
h
ti
w
n
o
i
s
i
c
e
r
p
%
1
e
v
a
h
s
r
o
t
s
i
s
e
r
ll
a
,
d
e
if
i
c
e
p
s
s
s
e
l
n
U
%
0
2
-
/
+
e
r
a
s
r
o
ti
c
a
p
a
c
ll
a
d
n
a
%
1
-
/
+
e
r
a
s
r
o
t
s
i
s
e
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com