Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4521 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4521
Description  3A Step-Down Switching Regulator with Programmable Soft Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4521 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4521 Datasheet HTML 1Page - Semtech Corporation SC4521 Datasheet HTML 2Page - Semtech Corporation SC4521 Datasheet HTML 3Page - Semtech Corporation SC4521 Datasheet HTML 4Page - Semtech Corporation SC4521 Datasheet HTML 5Page - Semtech Corporation SC4521 Datasheet HTML 6Page - Semtech Corporation SC4521 Datasheet HTML 7Page - Semtech Corporation SC4521 Datasheet HTML 8Page - Semtech Corporation SC4521 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4521
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
t
i
m
i
Ls
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
N
I
8
2
+
o
t
3
.
0
-V
V
e
v
o
b
A
n
i
P
t
s
o
o
B
W
S
V
(
T
S
B
V
-
W
S )6
1V
e
g
a
tl
o
V
n
i
P
t
s
o
o
BV
T
S
B
2
3
+
o
t
3
.
0
-V
e
g
a
tl
o
V
n
i
P
N
EV
N
E
4
2
+
o
t
3
.
0
-V
e
g
a
tl
o
V
n
i
P
B
FV
B
F
6
+
o
t
3
.
0
-V
t
n
e
r
r
u
C
n
i
P
B
FI
B
F
1A
m
e
g
a
tl
o
V
n
i
P
S
SV
S
S
3
+V
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
)
1
(
θ
A
J
5
.
6
3W
/
C
°
m
u
m
i
x
a
Me
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
n
I
g
n
it
a
r
e
p
OV
N
I
4
2V
ti
m
i
L
t
n
e
r
r
u
C
h
c
ti
w
S
m
u
m
i
x
a
MI
W
S
T
A
%
0
5
=
D
,
C
°
5
2
=5
.
35
.
5A
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
Of
C
S
O
0
0
50
0
60
0
7z
H
k
p
o
r
D
e
g
a
tl
o
V
n
O
h
c
ti
w
SV
)
W
S
(
D
I
W
S
A
3
=0
2
2V
m
V
N
I
t
u
o
k
c
o
L
e
g
a
tl
o
v
r
e
d
n
U
g
n
i
s
i
RV
O
L
V
U
T
J
C
°
5
8
o
t
C
°
0
=9
.
34
.
4V
V
N
I
s
i
s
e
r
e
t
s
y
H
O
L
V
UV
T
S
Y
H
0
6V
m
V
N
I
t
n
e
r
r
u
C
y
l
p
p
u
SI
Q
V
B
F
V
1
=3
5
.
5A
m
t
n
e
r
r
u
C
y
b
d
n
a
t
SI
)
F
F
O
(
Q
V
N
E
V
0
=0
5
2A
µ
t
n
i
o
P
p
ir
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
5
5
1C
°
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
1C
°
Electrical Characteristics
Note: (1) ThetaJA is calculated from a package in still air, mounted to 3" x 4.5", 4 layer FR4 PCB with thermal vias under
exposed pad per JESD51 standards.
Unless specified: V
IN = 12V, VCOMP = 0.8V, VBST = VIN + 5V, EN = tied to VIN, SW = open.
T
A = TJ = -40°C to 125°C.
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com