Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet (PDF) - Semtech Corporation

SC4502 Datasheet PDF - Semtech Corporation
Part # SC4502
Download  SC4502 Download
File Size   407.0 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start

SC4502 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4502 Datasheet PDF - Semtech Corporation

Part # SC4502
Download  SC4502 Click to download

File Size   407.0 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start

SC4502 Datasheet (HTML) - Semtech Corporation


SC4502 Product details

Description

The SC4502/SC4502H is a high-frequency current-mode step-up switching regulator with an integrated 1.4A

power transistor. Its high switching frequency (program mable up to 2MHz) allows the use of tiny surface-mount

external passive components.



Features

‹Low saturation voltage switch: 210mV (250mV for the SC4502H)

‹Constant switching frequency current-mode control

‹Programmable switching frequency up to 2MHz

‹Soft-Start function

‹Input voltage ranges from 1.4V to 16V

‹Output voltage up to 32V (40V for the SC4502H)

‹Low shutdown current

‹Adjustable undervoltage lockout threshold

‹Small low-profile thermally enhanced lead free package. This product is fully WEEE and RoHS compliant.



Applications

‹Flat screen LCD bias supplies

‹TFT bias supplies

‹XDSL power supplies

‹Medical equipment

‹Digital video cameras

‹Portables devices

‹White LED power supplies




Similar Part No. - SC4502

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501EVB SEMTECH-SC4501EVB Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501MLTRT SEMTECH-SC4501MLTRT Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
More results


Similar Description - SC4502

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
STEP-UP SWITCHING REGULATOR
logo
Semtech Corporation
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4521 SEMTECH-SC4521 Datasheet
322Kb / 18P
3A Step-Down Switching Regulator with Programmable Soft Start
logo
Kingbor Technology Co
KB3302 KINGBOR-KB3302 Datasheet
248Kb / 17P
2Amp, 2MHz Step-up Switching regulator with Soft-Start
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com