Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4502 Datasheet HTML 1Page - Semtech Corporation SC4502 Datasheet HTML 2Page - Semtech Corporation SC4502 Datasheet HTML 3Page - Semtech Corporation SC4502 Datasheet HTML 4Page - Semtech Corporation SC4502 Datasheet HTML 5Page - Semtech Corporation SC4502 Datasheet HTML 6Page - Semtech Corporation SC4502 Datasheet HTML 7Page - Semtech Corporation SC4502 Datasheet HTML 8Page - Semtech Corporation SC4502 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4502/SC4502H
Pin Configurations
Ordering Information
Electrical Characteristics (Cont.)
TOP VIEW
(10 Pin - MLPD, 3 x 3mm)
e
c
i
v
e
D
)
2
(
)
1
(
e
g
a
k
c
a
PT
(
e
g
n
a
R
.
p
m
e
T
A)
T
R
T
L
M
2
0
5
4
C
S0
1
-
D
P
L
MC
°
5
8
o
t
0
4
-
T
R
T
L
M
H
2
0
5
4
C
S0
1
-
D
P
L
MC
°
5
8
o
t
0
4
-
B
V
E
2
0
5
4
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
B
V
E
H
2
0
5
4
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices for MLP package.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
Unless other specified: V
IN = 2V, SHDN = 1.5V, ROSC = 7.68kΩ, -40°C < TA = TJ < 85°C
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
t
n
e
r
r
u
C
e
g
a
k
a
e
L
h
c
ti
w
SV
W
S
V
5
=1
0
.
01
A
m
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
S
2
0
.
11
.
18
1
.
1V
t
n
e
r
r
u
C
n
i
P
n
w
o
d
t
u
h
S
V
N
D
H
S
V
2
.
1
=6
.
4
-
µA
V
N
D
H
S
0
=0
1
.
0
µA
t
n
e
r
r
u
C
g
n
i
g
r
a
h
C
t
r
a
t
S
-
tf
o
SV
S
S
V
3
.
0
=5
.
1
µA
e
r
u
t
a
r
e
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
6
1C
°
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
1C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com