Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 7Page - Semtech Corporation SC4502 Datasheet HTML 8Page - Semtech Corporation SC4502 Datasheet HTML 9Page - Semtech Corporation SC4502 Datasheet HTML 10Page - Semtech Corporation SC4502 Datasheet HTML 11Page - Semtech Corporation SC4502 Datasheet HTML 12Page - Semtech Corporation SC4502 Datasheet HTML 13Page - Semtech Corporation SC4502 Datasheet HTML 14Page - Semtech Corporation SC4502 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4502/SC4502H
gate whose V
OH is higher than the supply voltage of the
SC4502/SC4502H. The diode clamps the maximum
shutdown pin voltage to one diode voltage above the
input power supply.
Programming Undervoltage Lockout
The SC4502/SC4502H has an internal V
IN undervoltage
lockout (UVLO) threshold of 1.4V. The transition from idle
to switching is abrupt but there is no hysteresis. If the
input voltage ramp rate is slow and the input bypass is
limited, then sudden turn on of the power transistor will
cause a dip in the line voltage. Switching will stop if V
IN
falls below the internal UVLO threshold. The resulting
output voltage rise may be non-monotonic. The 1.1V
disable threshold of the SC4502/SC4502H can be used
in conjunction with a resistive voltage divider to raise the
UVLO threshold and to add an UVLO hysteresis. Figure 6
shows the scheme. Both V
H and VL (the desired upper
and the lower UVLO threshold voltages) are determined
by the 1.1V threshold crossings, V
H and VL are therefore:
()
3
HYS
H
HYS
H
L
4
3
H
R
I
V
V
V
V
1.1V
R
R
1
V
−
=
−
=
⋅


+
=
(10)
Re-arranging,
HYS
HYS
3
I
V
R
=
(11)
1
1.1V
V
R
R
H
3
4
−
=
(12)
Figure 5. Methods of Driving the Shutdown Pin
(a) Directly Driven from a Logic Gate
(b) Driven from an Open-drain N-channel MOSFET or an Open-Collector NPN Transistor (V
OL < 0.1V)
(c) Driven from a Logic Gate with V
OH > VIN
(d) Combining Shutdown with Programmed UVLO (See Section Below).
(c)
1N4148
SHDN
IN
VIN
(a)
SC4502
SC4502H
SHDN
IN
(d)
SHDN
IN
(b)
SHDN
IN
SC4502
SC4502H
SC4502
SC4502H
SC4502
SC4502H
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com