Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4502 Datasheet HTML 1Page - Semtech Corporation SC4502 Datasheet HTML 2Page - Semtech Corporation SC4502 Datasheet HTML 3Page - Semtech Corporation SC4502 Datasheet HTML 4Page - Semtech Corporation SC4502 Datasheet HTML 5Page - Semtech Corporation SC4502 Datasheet HTML 6Page - Semtech Corporation SC4502 Datasheet HTML 7Page - Semtech Corporation SC4502 Datasheet HTML 8Page - Semtech Corporation SC4502 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
 2005 Semtech Corp.
POWER MANAGEMENT
SC4502/SC4502H
www.semtech.com
Block Diagram
SHDN
COMP
ROSC
9
REG_GOOD
EA
-
FB
2
SS
10
REFERENCE
VOLTAGE
3
IN
8
1
CMP
-
+
SUPPLY
INTERNAL
SHUTDOWN
THERMAL
REG
1.1V
1.242V
+
4.6
µA
ENABL E
ENABL E
+
R
Q
S
PWM
CLK
-
+
+
CLK
+
-
ISEN
ILIM
+
-
I-LIMIT
Σ
GND
4
SW
6
OSCILLATOR
SLOPE COMP
1.5
µA
REG
RSENSE
GND
5
SW
7
Figure 2. SC4502/SC4502H Block Diagram.
Pin Descriptions
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1P
M
O
C
.
n
o
it
a
s
n
e
p
m
o
c
p
o
o
l
r
o
f
d
e
s
u
s
i
n
i
p
s
i
h
T
.
r
e
if
il
p
m
a
r
o
r
r
e
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
t
l
a
n
r
e
t
n
i
e
h
t
f
o
t
u
p
t
u
o
e
h
T
2B
F
.
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
t
e
s
o
t
r
e
d
i
v
i
d
e
v
it
s
i
s
e
r
l
a
n
r
e
t
x
e
n
a
o
t
e
i
T
.
r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
it
r
e
v
n
i
e
h
T
3N
D
H
S
t
n
e
r
r
u
c
n
i
p
n
w
o
d
t
u
h
s
A
u
6
.
4
e
h
t
d
n
a
d
l
o
h
s
e
r
h
t
n
w
o
d
t
u
h
s
V
1
.
1
e
t
a
r
u
c
c
a
e
h
T
.
n
i
P
n
w
o
d
t
u
h
S
g
n
i
h
c
ti
w
s
e
h
t
r
o
f
s
i
s
e
r
e
t
s
y
h
d
n
a
d
l
o
h
s
e
r
h
t
t
u
o
k
c
o
l
e
g
a
tl
o
v
r
e
d
n
u
e
h
t
t
e
s
o
t
r
e
s
u
e
h
t
w
o
ll
a
s
i
s
e
r
e
t
s
y
h
.
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
q
w
o
l
o
t
n
w
o
d
t
u
h
s
o
t
r
e
t
r
e
v
n
o
c
e
h
t
s
e
s
u
a
c
V
1
.
0
w
o
l
e
b
n
i
p
s
i
h
t
g
n
il
l
u
P
.
r
o
t
a
l
u
g
e
r
t
f
e
l
e
b
t
o
n
d
l
u
o
h
s
n
i
p
s
i
h
T
.
d
e
s
u
t
o
n
e
r
a
s
e
r
u
t
a
e
f
n
w
o
d
t
u
h
s
e
h
t
d
n
a
O
L
V
U
e
h
t
fi
N
I
o
t
n
i
p
s
i
h
t
e
i
T
.
g
n
it
a
o
lf
5
,
4D
N
G
.
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
t
o
n
e
r
a
5
d
n
a
4
s
n
i
P
.
e
n
a
l
p
d
n
u
o
r
g
e
h
t
o
t
s
n
i
p
h
t
o
b
e
i
T
.
d
n
u
o
r
G
7
,
6W
S
.
e
d
o
i
d
g
n
i
y
fi
t
c
e
r
e
h
t
d
n
a
r
o
t
c
u
d
n
i
t
s
o
o
b
e
h
t
o
t
t
c
e
n
n
o
C
.
r
o
t
s
i
s
n
a
r
t
r
e
w
o
p
l
a
n
r
e
t
n
i
e
h
t
f
o
r
o
t
c
e
ll
o
C
8N
I.
n
i
p
e
h
t
o
t
e
s
o
l
c
s
r
o
ti
c
a
p
a
c
h
ti
w
d
e
s
s
a
p
y
B
.
n
i
P
y
l
p
p
u
S
r
e
w
o
P
9C
S
O
R
.
y
c
n
e
u
q
e
r
f
g
n
i
h
c
ti
w
s
e
h
t
s
t
e
s
d
n
u
o
r
g
e
h
t
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
A
0
1S
S
-
t
r
a
t
s
s
e
c
u
d
e
r
d
n
a
e
m
it
p
u
-
t
r
a
t
s
e
h
t
s
n
e
h
t
g
n
e
l
d
n
u
o
r
g
e
h
t
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
ti
c
a
p
a
c
A
.
n
i
P
t
r
a
t
S
-
t
f
o
S
.
t
n
e
r
r
u
c
p
u
d
a
P
d
e
s
o
p
x
E
.
n
o
it
c
u
d
n
o
c
l
a
m
r
e
h
t
d
o
o
g
r
o
f
B
C
P
e
h
t
n
o
e
n
a
l
p
d
n
u
o
r
g
e
h
t
o
t
d
e
r
e
d
l
o
s
e
b
t
s
u
m
d
a
p
d
e
s
o
p
x
e
e
h
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com